Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 132 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 132 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 128Page - Texas Instruments PCI6621 Datasheet HTML 129Page - Texas Instruments PCI6621 Datasheet HTML 130Page - Texas Instruments PCI6621 Datasheet HTML 131Page - Texas Instruments PCI6621 Datasheet HTML 132Page - Texas Instruments PCI6621 Datasheet HTML 133Page - Texas Instruments PCI6621 Datasheet HTML 134Page - Texas Instruments PCI6621 Datasheet HTML 135Page - Texas Instruments PCI6621 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 204 page
background image
5−20
5.18 ExCA Memory Windows 0−4 Offset-Address High-Byte Registers
These registers contain the high 6 bits of the 16-bit memory window offset address for memory windows 0, 1, 2, 3,
and 4. The lower 6 bits of these registers correspond to bits A25−A20 of the offset address. In addition, the write
protection and common/attribute memory configurations are set in this register. See Table 5−13 for a complete
description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0−4 offset-address high-byte
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 offset-address high-byte
Offset:
CardBus Socket Address + 815h:
Card A ExCA Offset 15h
Card B ExCA Offset 55h
Register:
ExCA memory window 1 offset-address high-byte
Offset:
CardBus Socket Address + 81Dh:
Card A ExCA Offset 1Dh
Card B ExCA Offset 5Dh
Register:
ExCA memory window 2 offset-address high-byte
Offset:
CardBus Socket Address + 825h:
Card A ExCA Offset 25h
Card B ExCA Offset 65h
Register:
ExCA memory window 3 offset-address high-byte
Offset:
CardBus Socket Address + 82Dh:
Card A ExCA Offset 2Dh
Card B ExCA Offset 6Dh
Register:
ExCA memory window 4 offset-address high-byte
Offset:
CardBus Socket Address + 835h:
Card A ExCA Offset 35h
Card B ExCA Offset 75h
Type:
Read/Write
Default:
00h
Table 5−13. ExCA Memory Windows 0−4 Offset-Address High-Byte Registers Description
BIT
SIGNAL
TYPE
FUNCTION
7
WINWP
RW
Write protect. This bit specifies whether write operations to this memory window are enabled.
This bit is encoded as:
0 = Write operations are allowed (default).
1 = Write operations are not allowed.
6
REG
RW
This bit specifies whether this memory window is mapped to card attribute or common memory.
This bit is encoded as:
0 = Memory window is mapped to common memory (default).
1 = Memory window is mapped to attribute memory.
5−0
OFFHB
RW
Offset-address high byte. These bits represent the upper address bits A25−A20 of the memory window offset
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com