Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 134 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 134 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 130Page - Texas Instruments PCI6621 Datasheet HTML 131Page - Texas Instruments PCI6621 Datasheet HTML 132Page - Texas Instruments PCI6621 Datasheet HTML 133Page - Texas Instruments PCI6621 Datasheet HTML 134Page - Texas Instruments PCI6621 Datasheet HTML 135Page - Texas Instruments PCI6621 Datasheet HTML 136Page - Texas Instruments PCI6621 Datasheet HTML 137Page - Texas Instruments PCI6621 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 204 page
background image
5−22
5.20 ExCA Global Control Register
This register controls both PC Card sockets, and is not duplicated for each socket. The host interrupt mode bits in
this register are retained for 82365SL-DF compatibility. See Table 5−15 for a complete description of the register
contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA global control
Type
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA global control
Offset:
CardBus Socket Address + 81Eh:
Card A ExCA Offset 1Eh
Card B ExCA Offset 5Eh
Type:
Read-only, Read/Write
Default:
00h
Table 5−15. ExCA Global Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−5
RSVD
R
These bits return 0s when read. Writes have no effect.
4
INTMODEB
RW
Level/edge interrupt mode select, card B. This bit selects the signaling mode for the PCI6x21/PCI6x11 host
interrupt for card B interrupts. This bit is encoded as:
0 = Host interrupt is edge mode (default).
1 = Host interrupt is level mode.
3
INTMODEA
RW
Level/edge interrupt mode select, card A. This bit selects the signaling mode for the PCI6x21/PCI6x11 host
interrupt for card A interrupts. This bit is encoded as:
0 = Host interrupt is edge-mode (default).
1 = Host interrupt is level-mode.
2 ‡
IFCMODE
RW
Interrupt flag clear mode select. This bit selects the interrupt flag clear mechanism for the flags in the ExCA
card status change register. This bit is encoded as:
0 = Interrupt flags cleared by read of CSC register (default)
1 = Interrupt flags cleared by explicit writeback of 1
1 ‡
CSCMODE
RW
Card status change level/edge mode select. This bit selects the signaling mode for the
PCI6x21/PCI6x11 host interrupt for card status changes. This bit is encoded as:
0 = Host interrupt is edge-mode (default).
1 = Host interrupt is level-mode.
0 ‡
PWRDWN
RW
Power-down mode select. When this bit is set to 1, the PCI6x21/PCI6x11 controller is in power-down
mode. In power-down mode the PCI6x21/PCI6x11 card outputs are placed in a high-impedance state until
an active cycle is executed on the card interface. Following an active cycle the outputs are again placed
in a high-impedance state. The PCI6x21/PCI6x11 controller still receives functional interrupts and/or card
status change interrupts; however, an actual card access is required to wake up the interface. This bit is
encoded as:
0 = Power-down mode disabled (default)
1 = Power-down mode enabled
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com