Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 159 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 159 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 155Page - Texas Instruments PCI6621 Datasheet HTML 156Page - Texas Instruments PCI6621 Datasheet HTML 157Page - Texas Instruments PCI6621 Datasheet HTML 158Page - Texas Instruments PCI6621 Datasheet HTML 159Page - Texas Instruments PCI6621 Datasheet HTML 160Page - Texas Instruments PCI6621 Datasheet HTML 161Page - Texas Instruments PCI6621 Datasheet HTML 162Page - Texas Instruments PCI6621 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 204 page
background image
7−15
7.23 Diagnostic Register
This register programs the M and N inputs to the PLL and enables the diagnostic modes. The default values for M
and N in this register set the PLL output to be 80 MHz, which is divided to get the 40 MHz and 20 MHz needed by
the flash media cores. See Table 7−16 for a complete description of the register contents. All bits in this register are
reset by GRST only.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Diagnostic
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Diagnostic
Type
R
R
R
R
R
R
R
R/W
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
1
Register:
Diagnostic
Type:
Read-only, Read/Write
Offset:
54h
Default:
0000 0305h
Table 7−16. Diagnostic Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−17
TBD_CTRL
R
PLL control bits. These bits are reserved for PLL control and test bits.
16
DIAGNOSTIC
RW
Diagnostic test bit. This test bit shortens the PLL clock CLK_VALID time and shortens the card detect
debounce times for simulation and TDL.
15−11
RSVD
R
Reserved. Bits 15−11 return 0s when read.
10−8
PLL_N
RW
PLL_N input. The default value of this field is 03h.
7−5
RSVD
R
Reserved. Bits 7−5 return 0s when read.
4−0
PLL_M
RW
PLL_M input. The default value of this field is 05h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com