Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 199 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 199 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 195Page - Texas Instruments PCI6621 Datasheet HTML 196Page - Texas Instruments PCI6621 Datasheet HTML 197Page - Texas Instruments PCI6621 Datasheet HTML 198Page - Texas Instruments PCI6621 Datasheet HTML 199Page - Texas Instruments PCI6621 Datasheet HTML 200Page - Texas Instruments PCI6621 Datasheet HTML 201Page - Texas Instruments PCI6621 Datasheet HTML 202Page - Texas Instruments PCI6621 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 204 page
background image
10−3
10.3 Electrical Characteristics Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
TERMINALS
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
PCI
3.3 V
IOH = −0.5 mA
0.9 VCC
V
PCI
5 V
IOH = −2 mA
2.4
V
VOH
High-level output voltage
3.3 V CardBus
IOH = −0.15 mA
0.9 VCC
VOH
High-level output voltage
PC Card
3.3 V 16-bit
IOH = −0.15 mA
2.4
PC Card
5 V 16-bit
IOH = −0.15 mA
2.8
V
Miscellaneous§
IOH = −4 mA
VCC−0.6
V
Miscellaneous§
IOH = −4 mA
VCC−0.6
PCI
3.3 V
IOL = 1.5 mA
0.1 VCC
PCI
5 V
IOL = 6 mA
0.55
VOL
Low-level output voltage
3.3 V CardBus
IOL = 0.7 mA
0.1 VCC
V
VOL
Low-level output voltage
PC Card
3.3 V 16-bit
IOL = 0.7 mA
0.4
V
PC Card
5 V 16-bit
IOL = 0.7 mA
0.55
Miscellaneous§
IOL = 4 mA
0.5
IOZ
3-state output high-impedance
Output terminals
3.6 V
VO = VCC or GND
±20
µA
IOZL
High-impedance, low-level
Output terminals
3.6 V
VI = VCC
−1
A
IOZL
High-impedance, low-level
output current
Output terminals
5.25 V
VI = VCC
−1
µA
IOZH
High-impedance, high-level
Output terminals
3.6 V
VI = VCC†
10
A
IOZH
High-impedance, high-level
output current
Output terminals
5.25 V
VI = VCC†
25
µA
IIL
Low-level input current
Input terminals
3.6 V
VI = GND
±20
A
IIL
Low-level input current
I/O terminals
3.6 V
VI = GND
±20
µA
PCI
3.6 V
VI = VCC‡
±20
Others
3.6 V
VI = VCC‡
±20
IIH
High-level input current
Input terminals
3.6 V
VI = VCC‡
10
µA
IIH
High-level input current
Input terminals
5.25 V
VI = VCC‡
20
µA
I/O terminals
3.6 V
VI = VCC‡
10
I/O terminals
5.25 V
VI = VCC‡
25
† For PCI and miscellaneous terminals, VI = VCCP. For PC Card terminals, VI = VCC(A/B).
‡ For I/O terminals, input leakage (IIL and IIH) includes IOZ leakage of the disabled output.
§ Miscellaneous terminals are 1, 2, 12, 17, 111, 112, 125, 167, 181, and 187 for the PDV packaged device and B10, C09, D01, E03, F12, G03,
H02, L17, P17, and P18 for the GHK packaged device (CNA, SCL, SDA, SUSPEND, GRST, CDx, PHY_TEST_MA, and VSx terminals).
10.4 Electrical Characteristics Over Recommended Ranges of Operating Conditions
(unless otherwise noted)
10.4.1 Device
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
VTH
Power status threshold, CPS input†
400-k
Ω resistor†
4.7
7.5
V
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
II
Input current (PC0−PC2 inputs)
VCC = 3.6 V
5
µA
† Measured at cable power side of resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com