Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 200 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 200 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 196Page - Texas Instruments PCI6621 Datasheet HTML 197Page - Texas Instruments PCI6621 Datasheet HTML 198Page - Texas Instruments PCI6621 Datasheet HTML 199Page - Texas Instruments PCI6621 Datasheet HTML 200Page - Texas Instruments PCI6621 Datasheet HTML 201Page - Texas Instruments PCI6621 Datasheet HTML 202Page - Texas Instruments PCI6621 Datasheet HTML 203Page - Texas Instruments PCI6621 Datasheet HTML 204Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 200 / 204 page
background image
10−4
10.4.2 Driver
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
VOD
Differential output voltage
56
Ω,
See Figure 10−1
172
265
mV
IDIFF
Driver difference current, TPA+, TPA−, TPB+, TPB−
Drivers enabled, speed signaling off
−1.05†
1.05†
mA
ISP200
Common-mode speed signaling current, TPB+, TPB−
S200 speed signaling enabled
−4.84‡
−2.53‡
mA
ISP400
Common-mode speed signaling current, TPB+, TPB−
S400 speed signaling enabled
−12.4‡
−8.10‡
mA
VOFF
Off state differential voltage
Drivers disabled,
See Figure 10−1
20
mV
† Limits defined as algebraic sum of TPA+ and TPA− driver currents. Limits also apply to TPB+ and TPB− algebraic sum of driver currents.
‡ Limits defined as absolute limit of each of TPB+ and TPB− driver currents.
TPAx+
TPBx+
TPAx−
TPBx−
56
Ω
Figure 10−1. Test Load Diagram
10.4.3 Receiver
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ZID
Differential impedance
Drivers disabled
4
7
k
Ω
ZID
Differential impedance
Drivers disabled
4
pF
ZIC
Common-mode impedance
Drivers disabled
20
k
Ω
ZIC
Common-mode impedance
Drivers disabled
24
pF
VTH−R
Receiver input threshold voltage
Drivers disabled
−30
30
mV
VTH−CB
Cable bias detect threshold, TPBx cable inputs
Drivers disabled
0.6
1.0
V
VTH+
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
VTH−
Negative arbitration comparator threshold voltage
Drivers disabled
−168
−89
mV
VTH−SP200
Speed signal threshold
TPBIAS−TPA common mode
voltage, drivers disabled
49
131
mV
VTH−SP400
Speed signal threshold
TPBIAS−TPA common mode
voltage, drivers disabled
314
396
mV
10.5 PCI Clock/Reset Timing Requirements Over Recommended Ranges of Supply
Voltage and Operating Free-Air Temperature
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tc
Cycle time, PCLK
tcyc
30
ns
tw(H)
Pulse duration (width), PCLK high
thigh
11
ns
tw(L)
Pulse duration (width), PCLK low
tlow
11
ns
tr, tf
Slew rate, PCLK
∆v/∆t
1
4
V/ns
tw
Pulse duration (width), GRST
trst
1
ms
tsu
Setup time, PCLK active at end of PRST
trst-clk
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com