| Electronic Components Datasheet Search |
|
PCI6421 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI6421 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 204 page ![]() 2−22 Table 2−12. CardBus PC Card Interface System Terminals A 33- Ω to 47-Ω series damping resistor (per PC Card specification) is the only external component needed for terminals B08 (A_CCLK) and H17 (B_CCLK). If any CardBus PC Card interface system terminal is unused, then the terminal may be left floating. SKT A TERMINAL SKT B TERMINAL† DESCRIPTION I/O INPUT OUTPUT PU/ POWER NAME NO. NAME NO. DESCRIPTION I/O TYPE INPUT OUTPUT PU/ PD POWER RAIL A_CCLK E09 B_CCLK H18 CardBus clock. CCLK provides synchronous timing for all transactions on the CardBus interface. All signals except CRST, CCLKRUN, CINT, CSTSCHG, CAUDIO, CCD2, CCD1, CVS2, and CVS1 are sampled on the rising edge of CCLK, and all timing parameters are defined with the rising edge of this signal. CCLK operates at the PCI bus clock frequency, but it can be stopped in the low state or slowed down for power savings. O PCIO3 VCCA/ VCCB A_CCLKRUN C03 B_CCLKRUN A18 CardBus clock run. CCLKRUN is used by a CardBus PC Card to request an increase in the CCLK frequency, and by the controller to indicate that the CCLK frequency is going to be decreased. I/O PCII4 PCIO4 PU3 VCCA/ VCCB A_CRST A06 B_CRST F17 CardBus reset. CRST brings CardBus PC Card-specific registers, sequencers, and signals to a known state. When CRST is asserted, all CardBus PC Card signals are placed in a high-impedance state, and the controller drives these signals to a valid logic level. Assertion can be asynchronous to CCLK, but deassertion must be synchronous to CCLK. O PCII4 PCIO4 PU3 VCCA/ VCCB † These terminals are reserved for the PCI6611 and PCI6411 controllers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |