Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 62 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 62 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 58Page - Texas Instruments PCI6421 Datasheet HTML 59Page - Texas Instruments PCI6421 Datasheet HTML 60Page - Texas Instruments PCI6421 Datasheet HTML 61Page - Texas Instruments PCI6421 Datasheet HTML 62Page - Texas Instruments PCI6421 Datasheet HTML 63Page - Texas Instruments PCI6421 Datasheet HTML 64Page - Texas Instruments PCI6421 Datasheet HTML 65Page - Texas Instruments PCI6421 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 204 page
background image
3−14
Table 3−8. EEPROM Loading Map (Continued)
SERIAL ROM
OFFSET
BYTE DESCRIPTION
3Bh
Flash media core function indicator (03h)
3Ch
Number of bytes (05h)
3Dh
PCI 2Ch, subsystem vendor ID, byte 0
3Eh
PCI 2Dh, subsystem vendor ID, byte 1
3Fh
PCI 2Eh, subsystem ID, byte 0
40h
PCI 2Fh, subsystem ID, byte 1
41h
PCI 4Ch, general control, bits 6−4, 2−0
42h
SD host controller function indicator (03h)
43h
Number of bytes (0Bh)
44h
PCI 2Ch, subsystem vendor ID, byte 0
45h
PCI 2Dh, subsystem vendor ID, byte 1
46h
PCI 2Eh, subsystem ID, byte 0
47h
PCI 2Fh, subsystem ID, byte 1
48h
PCI 88h, general control bits 6−4, 0
49h
PCI 94h, slot 0 3.3 V maximum current
4Ah
PCI 98h, slot 1 3.3 V maximum current
4Bh
PCI 9Ch, slot 2 3.3 V maximum current
4Ch
Reserved (PCI A0h, slot 3 3.3 V maximum current)
4Dh
Reserved (PCI A4h, slot 4 3.3 V maximum current)
4Eh
Reserved (PCI A8h, slot 5 3.3 V maximum current)
4Fh
PCI Smart Card function indicator (05h)
50h
Number of bytes (0Eh)
51h
PCI 09h, class code, byte 0
52h
PCI 0Ah, class code, byte 1
53h
PCI 0Bh, class code, byte 2
54h
PCI 2Ch, subsystem vendor ID, byte 0
55h
PCI 2Dh, subsystem vendor ID, byte 1
56h
PCI 2Eh, subsystem ID, byte 0
57h
PCI 2Fh, subsystem ID, byte 1
58h
PCI 4Ch, general control bits 6−4
59h
PCI 58h, Smart Card configuration 1, byte 0, bits 6−4, 2−0
5Ah
PCI 59h, Smart Card configuration 1, byte 1, bits 6−4, 2−0
5Bh
PCI 5Ah, Smart Card configuration 1, byte 2, bits 6−4, 2−0
5Ch
PCI 5Bh, Smart Card configuration 1, byte 3, bits 7−4, 2−0
5Dh
PCI 5Ch, Smart Card configuration 2, byte 0
5Eh
PCI 5Dh, Smart Card configuration 2, byte 1
5Fh
End-of-list indicator (80h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com