Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 90 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 90 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 86Page - Texas Instruments PCI6421 Datasheet HTML 87Page - Texas Instruments PCI6421 Datasheet HTML 88Page - Texas Instruments PCI6421 Datasheet HTML 89Page - Texas Instruments PCI6421 Datasheet HTML 90Page - Texas Instruments PCI6421 Datasheet HTML 91Page - Texas Instruments PCI6421 Datasheet HTML 92Page - Texas Instruments PCI6421 Datasheet HTML 93Page - Texas Instruments PCI6421 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 204 page
background image
4−14
4.24 Interrupt Pin Register
The value read from this register is function dependent. The default value for function 0 is 01h (INTA), and the default
value for function 1 is 02h (INTB), the default value for function 2 is 03h (INTC), and the default value for function 3
is 04h (INTD). The value also depends on the values of bits 28, the tie-all bit (TIEALL), and 29, the interrupt tie bit
(INTRTIE), in the system control register (PCI offset 80h, see Section 4.29). The INTRTIE bit is compatible with
previous TI CardBus controllers, and when set to 1, ties INTB to INTA internally. The TIEALL bit ties INTA, INTB, INTC,
and INTD together internally. The internal interrupt connections set by INTRTIE and TIEALL are communicated to
host software through this standard register interface. This read-only register is described for all PCI6x21/PCI6x11
functions in Table 4−6.
PCI function 0
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
PCI function 1
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 1
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
PCI function 3
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 3
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
PCI function 4
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 4
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
PCI function 5
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin − PCI function 5
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
X
X
X
Register:
Interrupt pin
Offset:
3Dh
Type:
Read-only
Default:
01h (function 0), 02h (function 1), 04h (function 3), 04h (function 4), 04h (function 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com