Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 50 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 50 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 46Page - Texas Instruments PCI6421 Datasheet HTML 47Page - Texas Instruments PCI6421 Datasheet HTML 48Page - Texas Instruments PCI6421 Datasheet HTML 49Page - Texas Instruments PCI6421 Datasheet HTML 50Page - Texas Instruments PCI6421 Datasheet HTML 51Page - Texas Instruments PCI6421 Datasheet HTML 52Page - Texas Instruments PCI6421 Datasheet HTML 53Page - Texas Instruments PCI6421 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 204 page
background image
3−2
3.2
I/O Characteristics
The PCI6x21/PCI6x11 controller meets the ac specifications of the PC Card Standard (release 8.1) and the PCI Local
Bus Specification. Figure 3−2 shows a 3-state bidirectional buffer. Section 10.2, Recommended Operating
Conditions, provides the electrical characteristics of the inputs and outputs.
Tied for Open Drain
OE
Pad
VCCP
Figure 3−2. 3-State Bidirectional Buffer
3.3
Clamping Voltages
The clamping voltages are set to match whatever external environment the PCI6x21/PCI6x11 controller is interfaced
with: 3.3 V or 5 V. The I/O sites can be pulled through a clamping diode to a voltage rail that protects the core from
external signals. The core power supply is 1.5 V and is independent of the clamping voltages. For example, PCI
signaling can be either 3.3 V or 5 V, and the PCI6x21/PCI6x11 controller must reliably accommodate both voltage
levels. This is accomplished by using a 3.3-V I/O buffer that is 5-V tolerant, with the applicable clamping voltage
applied. If a system designer desires a 5-V PCI bus, then VCCP can be connected to a 5-V power supply.
3.4
Peripheral Component Interconnect (PCI) Interface
The PCI6x21/PCI6x11 controller is fully compliant with the PCI Local Bus Specification. The PCI6x21/PCI6x11
controller provides all required signals for PCI master or slave operation, and may operate in either a 5-V or 3.3-V
signaling environment by connecting the VCCP terminals to the desired voltage level. In addition to the mandatory
PCI signals, the PCI6x21/PCI6x11 controller provides the optional interrupt signals INTA, INTB, INTC, and INTD.
3.4.1
Device Resets
During the power-up sequence, GRST and PRST must be asserted. GRST can only be deasserted 100
µs after PCLK
is stable, and 2 ms after VCC is stable. PRST can be deasserted at the same time as GRST or any time thereafter.
3.4.2
Serial EEPROM I2C Bus
The PCI6x21/PCI6x11 controller offers many choices for modes of operation, and these choices are selected by
programming several configuration registers. For system board applications, these registers are normally
programmed through the BIOS routine. For add-in card and docking-station/port-replicator applications, the
PCI6x21/PCI6x11 controller provides a two-wire inter-integrated circuit (IIC or I2C) serial bus for use with an external
serial EEPROM.
The PCI6x21/PCI6x11 controller is always the bus master, and the EEPROM is always the slave. Either device can
drive the bus low, but neither device drives the bus high. The high level is achieved through the use of pullup resistors
on the SCL and SDA signal lines. The PCI6x21/PCI6x11 controller is always the source of the clock signal, SCL.
System designers who wish to load register values with a serial EEPROM must use pullup resistors on the SCL and
SDA terminals. If the PCI6x21/PCI6x11 controller detects a logic-high level on the SCL terminal at the end of GRST,
then it initiates incremental reads from the external EEPROM. Any size serial EEPROM up to the I2C limit of 16 Kbits
can be used, but only the first 96 bytes (from offset 00h to offset 5Fh) are required to configure the PCI6x21/PCI6x11
controller. Figure 3−3 shows a serial EEPROM application.
In addition to loading configuration data from an EEPROM, the PCI6x21/PCI6x11 I2C bus can be used to read and
write from other I2C serial devices. A system designer can control the I2C bus, using the PCI6x21/PCI6x11 controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com