Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 142 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 142 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 138Page - Texas Instruments PCI6421 Datasheet HTML 139Page - Texas Instruments PCI6421 Datasheet HTML 140Page - Texas Instruments PCI6421 Datasheet HTML 141Page - Texas Instruments PCI6421 Datasheet HTML 142Page - Texas Instruments PCI6421 Datasheet HTML 143Page - Texas Instruments PCI6421 Datasheet HTML 144Page - Texas Instruments PCI6421 Datasheet HTML 145Page - Texas Instruments PCI6421 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 204 page
background image
6−6
Table 6−5. Socket Force Event Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−15
RSVD
R
Reserved. These bits return 0s when read.
14
CVSTEST
W
Card VS test. When this bit is set, the PCI6x21/PCI6x11 controller reinterrogates the PC Card, updates
the socket present state register (offset 08h, see Section 6.3), and re-enables the socket power control.
13
FYVCARD
W
Force YV card. Writes to this bit cause the YVCARD bit in the socket present state register (offset 08h,
see Section 6.3) to be written. When set, this bit disables the socket power control.
12
FXVCARD
W
Force XV card. Writes to this bit cause the XVCARD bit in the socket present state register (offset 08h,
see Section 6.3) to be written. When set, this bit disables the socket power control.
11
F3VCARD
W
Force 3-V card. Writes to this bit cause the 3VCARD bit in the socket present state register (offset 08h,
see Section 6.3) to be written. When set, this bit disables the socket power control.
10
F5VCARD
W
Force 5-V card. Writes to this bit cause the 5VCARD bit in the socket present state register (offset 08h,
see Section 6.3) to be written. When set, this bit disables the socket power control.
9
FBADVCCREQ
W
Force BadVccReq. Changes to the BADVCCREQ bit in the socket present state register (offset 08h,
see Section 6.3) can be made by writing this bit.
8
FDATALOST
W
Force data lost. Writes to this bit cause the DATALOST bit in the socket present state register (offset
08h, see Section 6.3) to be written.
7
FNOTACARD
W
Force not a card. Writes to this bit cause the NOTACARD bit in the socket present state register (offset
08h, see Section 6.3) to be written.
6
RSVD
R
This bit returns 0 when read.
5
FCBCARD
W
Force CardBus card. Writes to this bit cause the CBCARD bit in the socket present state register (offset
08h, see Section 6.3) to be written.
4
F16BITCARD
W
Force 16-bit card. Writes to this bit cause the 16BITCARD bit in the socket present state register (offset
08h, see Section 6.3) to be written.
3
FPWRCYCLE
W
Force power cycle. Writes to this bit cause the PWREVENT bit in the socket event register (offset 00h,
see Section 6.1) to be written, and the PWRCYCLE bit in the socket present state register (offset 08h,
see Section 6.3) is unaffected.
2
FCDETECT2
W
Force CCD2. Writes to this bit cause the CD2EVENT bit in the socket event register (offset 00h, see
Section 6.1) to be written, and the CDETECT2 bit in the socket present state register (offset 08h, see
Section 6.3) is unaffected.
1
FCDETECT1
W
Force CCD1. Writes to this bit cause the CD1EVENT bit in the socket event register (offset 00h, see
Section 6.1) to be written, and the CDETECT1 bit in the socket present state register (offset 08h, see
Section 6.3) is unaffected.
0
FCARDSTS
W
Force CSTSCHG. Writes to this bit cause the CSTSEVENT bit in the socket event register (offset 00h,
see Section 6.1) to be written. The CARDSTS bit in the socket present state register (offset 08h, see
Section 6.3) is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com