Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 193 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 193 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 189Page - Texas Instruments PCI6421 Datasheet HTML 190Page - Texas Instruments PCI6421 Datasheet HTML 191Page - Texas Instruments PCI6421 Datasheet HTML 192Page - Texas Instruments PCI6421 Datasheet HTML 193Page - Texas Instruments PCI6421 Datasheet HTML 194Page - Texas Instruments PCI6421 Datasheet HTML 195Page - Texas Instruments PCI6421 Datasheet HTML 196Page - Texas Instruments PCI6421 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 204 page
background image
9−15
9.25 Smart Card Configuration 1 Register
BIOS or EEPROM configure system dependent Smart Card interface information through this register. Information
of this register can be read from the Smart Card configuration 1 alias register in the Smart Card global control register
set. The software utilizes this information and adjusts the software and firmware behavior if necessary.
Corresponding bits are tied to 0 if the socket is not implemented.
Class A and B support are depend on the system and integrated device. Supporting both classes requires method
(pins) to control 5.0 V and 3.0 V.
Default value and bit types are depending on the device. When this core is integrated into a device and does not have
all four sockets, removed sockets bits must be tied to 0 and changed to read-only bits.
See Table 9−15 for a complete description of the register contents. All bits in this register are reset by GRST only.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Smart Card configuration 1
Type
RW
RW
RW
RW
R
RW
RW
RW
R
RW
RW
RW
R
RW
RW
RW
Default
0
0
0
0
0
0
1
1
0
1
1
1
0
1
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Smart Card configuration 1
Type
R
RW
RW
RW
R
R
R
R
R
RW
RW
RW
R
RW
RW
RW
Default
0
0
1
1
0
0
1
1
0
0
0
0
0
1
1
1
Register:
Smart Card configuration 1
Offset:
58h
Type:
Read/Write, Read-only (EEPROM, GRST only)
Default:
0374 3307h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com