Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 4 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 4 Page - Belden Inc.

  9223 Datasheet HTML 1Page - Belden Inc. 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
75 Ohm • 30 AWG Stranded (7x38) .012
″ Silver-plated Copper-covered Steel Conductor • Silver-plated Copper Braid Shield (95% Coverage)
TFE Teflon® Insulation • White TFE Tape Jacket
200°C
83267
—
100 †
30.5
1.9
.9
30 AWG
.063
1.60
SPC Braid
.103
2.62
75
69.5% 19.5
64.0
VW-1
1000 †
304.8
11.0
5.0
(7x38)
95% Shield
.012
″
Coverage
SPCCS
8.6
Ω/M′
244.0
Ω/M′
28.2
Ω/km
801.0
Ω/km
RG-187A/U Type • MIL-C-17D
75 Ohm • Dual RG-59/U Type • 23 AWG Solid .023
″ Bare Copper-covered Steel Conductors • Bare Copper Braid Shield (95% Coverage)
Flame-retardant Semi-foam Polyethylene Insulation • Black PVC Jacket
UL AWM
9555
NEC:
500
152.4
38.5 17.5
23 AWG
.146
3.71
BC Braid
.238
6.05
75
66%
20.5
67.3
Style 20063
CM
1000
304.8
78.0 35.4
(solid)
95% Shield
xx
(300V 80°C)
CEC:
2000
609.6 152.0 69.0
.023
″
Coverage
.478
12.14
CM
BCCS
2.6
Ω/M′
50.0
Ω/M′
8.5
Ω/km
164.0
Ω/km
75 Ohm • Dual RG-59/U Type • 23 AWG Solid .023
″ Bare Copper-covered Steel Conductors • Bare Copper Braid Shield (97% Coverage)
Plenum • FEP Insulation • Clear FEP Jacket
200°C
89555
NEC:
500
152.4
46.5 21.1
23 AWG
.134
3.40
BC Braid
.212
5.39
75
70%
19.5
64.0
CMP
1000
304.8
90.0 40.9
(solid)
97% Shield
xx
CEC:
.023
″
Coverage
.424
10.77
CMP FT6
BCCS
2.6
Ω/M′
50.0
Ω/M′
8.5
Ω/km
164.0
Ω/km
Suitable for Outdoor and Direct Burial applications.
75 Ohm • RG-6/U Type • 18 AWG Solid Bare Copper-covered Steel Conductor • Duobond® IV Quad Shield (100% Coverage)
Non-Plenum • Gas-injected Foam Polyethylene Insulation • Gray PVC Jacket
3131A
NEC:
1000
304.8
39.0
17.7
18 AWG
.180
4.57 Duobond IV* .300
7.62
75
82%
16.2
53.2
CL2R,
2500††
762.2
97.5
44.3
(solid)
Quad Shield
CMR
.040
″
3.6
Ω/M′
CEC:
BCCS
11.8
Ω/km
CMR FT4
28.0
Ω/M′
91.9
Ω/km
Plenum • Foam FEP Insulation • Gray Fluorocopolymer Jacket
150°C
3132A
NEC:
1000
304.8
36.0
16.4
18 AWG
.170
4.32 Duobond IV* .274
6.96
75
82%
16.3
53.5
CMP
(solid)
Quad Shield
CEC:
.040
″
7.2
Ω/M′
CMP FT6
BCCS
23.6
Ω/km
28.0
Ω/M′
19.9
Ω/km
Suitable for Outdoor and Direct Burial applications.
75 Ohm • RG-11/U Type • 14 AWG Solid Bare Copper-covered Steel Conductor • Duobond IV Quad Shield (100% Coverage)
Non-Plenum • Gas-injected Foam Polyethylene Insulation • Gray PVC Jacket
3094A
NEC:
500
152.4
34.5
15.7
14 AWG
.280
7.11 Duobond IV* .407
10.34
75
82%
16.2
53.2
CL2R,
1000
304.8
69.0
31.3
(solid)
Quad Shield
CMR
2000
609.6 136.0
61.7
.064
″
1.5
Ω/M′
CEC:
BCCS
4.9
Ω/km
CMG FT4
11.0
Ω/M′
36.1
Ω/km
Tap marks every 2.6 meters to aid users in installation.
BC = Bare Copper • BCCS = Bare Copper-covered Steel • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene • SPC = Silver-coated Copper • SPCCS = Silver-coated Copper-covered Steel •
TFE = Tetra Fluoroethylene
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
* Duobond IV = Bonded Duofoil® (100% coverage) + aluminum braid (67% coverage) + Duofoil (100% coverage) + aluminum braid (46% coverage).
† May contain more than one piece, minimum length of any one piece is 25 ft.
†† Spools may contain more than one piece. Final put-up may vary ±10% for spools and reels and ±5% for UnReel® cartons. 25 feet minimum length.
COAXIAL
CABLES
6.84
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
75 Ohm Coax
1
3.0
9.8
10
5.3
17.4
50
8.5
27.9
100
10.0
32.8
200
12.5
41.0
400
16.0
52.5
700
19.7
64.6
900
22.3
73.2
1000
24.0
78.7
1
.6
2.0
10
1.1
3.6
50
2.4
7.9
100
3.4
11.2
200
4.9
16.1
400
7.0
23.0
700
9.7
31.8
900
11.1
36.4
1000
12.0
39.4
1
.5
1.6
10
1.1
3.6
50
2.5
8.2
100
3.5
11.5
200
5.1
16.7
400
7.5
24.6
700
10.4
34.1
900
12.0
39.4
1000
12.7
41.7
For Plenum version of see 89555.
Sweep tested 5 MHz to 400 MHz.
CPE jacket optional.
For Non-plenum version see 3131A.
Sweep tested 5 MHz to 400 MHz.
Sweep tested 5 MHz to 400 MHz.
CPE jacket optional.
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
1
.35
1.15
2
.38
1.25
5
.45
1.48
10
.59
1.94
20
.86
2.82
50
1.37
4.50
100
1.97
6.46
200
2.82
9.25
300
3.48 11.42
400
4.04 13.26
1
.36
1.18
2
.38
1.25
5
.50
1.64
10
.65
2.13
20
.95
3.12
50
1.50
4.92
100
2.12
6.96
200
2.99
9.81
300
3.66 12.01
400
4.23 13.88
1
.16
.53
2
.18
.59
5
.26
.85
10
.38
1.25
20
.55
1.81
50
.83
2.72
100
1.17
3.84
200
1.60
5.25
300
1.99
6.53
400
2.30
7.55
Teflon is a DuPont trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com