Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 5 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 5 Page - Belden Inc.

  9223 Datasheet HTML 1Page - Belden Inc. 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
75 Ohm • RG-11/U Type • 14 AWG Solid Bare Copper-covered Steel Conductor • Duobond IV Quad Shield (100% Coverage)
Plenum • Foam FEP Insulation • Gray Fluorocopolymer Jacket
150°C
3095A
NEC:
1000
304.8
76.0
34.5
14 AWG
.280
7.11 Duobond IV* .387
9.83
75
82%
16.5
54.1
CMP,
(solid)
Quad Shield
PLTC
.064
″
3.9
Ω/M′
CEC:
BCCS
12.8
Ω/km
CMP FT6
11.0
Ω/M′
Suitable for Outdoor and Direct Burial applications.
36.1
Ω/km
Tap marks every 2.6 meters to aid users in installation.
93 Ohm • RG-62B/U Type • 24 AWG Stranded (7x32) .024
″ Bare Copper-covered Steel Conductor • BC Braid Shield (95% Coverage)
Semi-solid Polyethylene Insulation • Black Non-contaminating PVC Jacket
UL AWM
8255
NEC:
500
152.4
16.5
7.5
24 AWG
.146
3.71
BC Braid
.242
6.15
93
84%
13.5
44.3
Style 1354
CMX
1000
304.8
36.0 16.3
(7x32)
95% Shield
(30V 60°C)
CEC:
.024
″
Coverage
VW-1
CMX
BCCS
2.9
Ω/M′
59.0
Ω/M′
9.5
Ω/km
193.6
Ω/km
MIL-C-17D
93 Ohm • RG-62/U Type • JAN-C-17A • 22 AWG Solid .025
″ Bare Copper-covered Steel Conductor • BC Braid Shield (95% Coverage)
Semi-solid Polyethylene Insulation • Black PVC Jacket
75°C
8254
—
U-500
U-152.4
18.0
8.2
22 AWG
.146
3.71
BC Braid
.238
6.05
93
84%
13.5
44.3
500
152.4
16.5
7.5
(solid)
95% Shield
U-1000
U-304.8
35.0 15.9
.025
″
Coverage
1000
304.8
36.0 16.3
BCCS
2.9
Ω/M′
41.2
Ω/M′
9.5
Ω/km
135.1
Ω/km
93 Ohm • RG-62A/U Type • 22 AWG Solid .025
″ Bare Copper-covered Steel Conductor • Bare Copper Braid Shield (95% Coverage)
Semi-solid Polyethylene Insulation • Black High-density Polyethylene Jacket
Flooded Burial 9228
—
500
152.4
15.0
6.8
22 AWG
.146
3.71
BC Braid
.242
6.15
93
84%
13.5
44.3
80°C
1000
304.8
33.0 15.0
(solid)
95% Shield
2000
609.6
68.0 30.9
.025
″
Coverage
5000
1524.0 170.0 77.3
BCCS
2.9
Ω/M′
41.2
Ω/M′
9.5
Ω/km
135.1
Ω/km
Suitable for Outdoor and Direct Burial applications.
Semi-solid Polyethylene Insulation • Black PVC Jacket
UL AWM
9268
NEC:
500
152.4
20.0
9.1
22 AWG
.146
3.71
BC Braid
.260
6.60
93
84%
13.5
44.3
Style 1478
CM CL2
U-1000
U-304.8
42.0 19.1
(solid)
95% Shield
(30V 60°C)
CEC:
1000
304.8
44.0 20.0
.025
″
Coverage
CM
2000
609.6
88.0 40.0
BCCS
2.9
Ω/M′
41.2
Ω/M′
9.5
Ω/km
135.1
Ω/km
IBM P/N 5252750 • Includes Mylar® tape as a moisture barrier for improved outdoor reliability.
UL AWM
9269
NEC:
U-500
U-152.4
18.5
8.4
22 AWG
.146
3.71
BC Braid
.239
6.07
93
84%
13.5
44.3
Style 1478
CM CL2
500
152.4
17.0
7.7
(solid)
95% Shield
(30V 60°C)
CEC:
U-1000 ▲ U-304.8
36.0 16.7
.025
″
Coverage
CM
1000
304.8
38.0 17.2
BCCS
2.9
Ω/M′
1640
500.0
60.7 27.5
41.2
Ω/M′
9.5
Ω/km
2000
609.6
76.0 34.5
135.1
Ω/km
3280
1000.0 121.4 55.0
5000
1524.0 185.0 84.0
IBM P/N 323921 P-MSHA SC-1823**
▲U-1000 put-up also available in Orange, Beige or Chrome.
BC = Bare Copper • BCCS = Bare Copper-covered Steel • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
For cables manufactured to latest government revision or other MIL-SPEC requirements, please contact your nearest Belden regional Sales Office.
* Duobond IV = Bonded Duofoil
® (100% coverage) + aluminum braid (67% coverage) + Duofoil (100% coverage) + aluminum braid (46% coverage).
** Pennsylvania Department of Environmental Resources and United States Mine Safety and Health Administration Certification.
COAXIAL
CABLES
6.85
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
75 Ohm and 93 Ohm Coax
1.3.8
10
.9
2.8
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1.3.8
10
.9
2.8
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1.3.8
10
.9
2.8
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1.3.8
10
.9
2.8
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
For Plenum version of 9269,
see 89269, 87269 and 82269.
Sweep tested 5 MHz to 400 MHz.
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
1
.20
.70
10
.39
1.30
50
1.20
3.90
100
1.70
5.60
200
2.50
8.20
400
3.50 11.50
1
.3
1.0
10
.9
3.0
50
2.0
6.6
100
2.9
9.5
200
4.2
13.8
400
6.1
20.0
700
8.6
28.2
900
10.1
33.1
1000
11.1
36.4
Mylar is a DuPont trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com