Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 7 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 7 Page - Belden Inc.

Back Button 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. 9223 Datasheet HTML 10Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
78 Ohm • 20 AWG Stranded (7x28) .038
″ Tinned Copper Conductors • Tinned Copper Braid Shield (93% Coverage)
Polyethylene Insulation • Blue PVC Jacket (Color Code: Clear, Blue)
UL AWM
9272
NEC:
100
30.5
4.5
2.0
20 AWG
.156
3.96
TC Braid
.244
6.20
78
66%
19.7
64.6
Style 2092
CM
U-500 U-152.4
20.0
9.1
(7x28)
93% Shield
(300V 60°C)
CEC:
500
152.4
18.5
8.4
.038
″
Coverage
CM
U-1000 U-304.8
39.0 17.7
TC
3.4
Ω/M′
1000
304.8
41.0 18.6
9.5
Ω/M′
11.2
Ω/km
31.2
Ω/km
Plenum • FEP Teflon® Insulation • Blue FEP Teflon Jacket (Color Code: Clear, Blue)
200°C
89272
NEC:
500
152.4
17.0
7.7
20 AWG
.148
3.76
TC Braid
.198
5.03
78
69.5% 18.4
60.4
CMP
1000
304.8
38.0 17.3
(7x28)
93% Shield
CEC:
.038
″
Coverage
CMP FT6
TC
3.9
Ω/M′
9.5
Ω/M′
12.8v/km
31.2
Ω/km
Suitable for Aerial applications when supported by a messenger.
78 Ohm • 20 AWG Stranded (7x28) .038
″ Tinned Copper Conductors • Beldfoil® (100% Coverage) + TC Braid Shield (55% Coverage)
Polyethylene Insulation • Blue Sunlight-resistant PVC Jacket (Color Code: Clear, Blue)
UL AWM
9463
NEC:
100
30.5
4.4
2.0
20 AWG
.154
3.91
Beldfoil
.238
6.05
78
66%
19.7
64.6
Style 2464
CM CL2
U-500 U-152.4
19.5
8.9
(7x28)
+ 55% TC
(300V 80°C)
CEC:
500
152.4
18.0
8.2
.038
″
Braid
CM
U-1000 U-304.8
38.0 17.2
TC
4.1
Ω/M′
1000 ▲
304.8
39.0 17.7
9.5
Ω/M′
13.4
Ω/km
6000 ▲† 1828.7
234.0 106.1
31.0
Ω/km
10000 ▲† 3048.0
380.0 172.4
PMSHA P-7K-SC-182141*
Allen Bradley P/N 1770-CD
▲1000 ft. and 6000 ft. put-ups also available in Brown, Orange and Purple. 10,000 ft. available in Brown or Orange only.
RG-22B/U • 95 Ohm • 18 AWG Stranded (7x26) .046
″ Bare Copper Conductors** • Double Tinned Copper Braid Shield (95% Coverage)
Polyethylene Insulation • PE Inner Jacket • Black Non-contaminating PVC Outer Jacket (Color Code: Clear, Clear)
80°C
9250
—
500
152.4
61.5 27.9
18 AWG
.285
7.24 (2) TC Braids .416
10.67
95
66%
16.0
52.5
VW-1
1000
304.8
121.0 54.9
(7x26)
95% Shield
.046
″
Coverage
BC
.9
Ω/M′
6.6
Ω/M′
3.0
Ω/km
21.5
Ω/km
RG-22B/U Type
**1 conductor has tinned center strand. Non-contaminating PVC jacket.
100 Ohm • 20 AWG Stranded (7x28) .037
″ One Tinned/One Bare Copper Conductors • Duofoil® + Double TC Braid Shield (95% Coverage)
Polyethylene Insulation • Black High-density Polyethylene Jacket
Direct Burial
9815
—
500
152.4
34.5 15.7
20 AWG
.236
5.99
TC Braid
.330
8.38
100
66%
14.5
47.6
80°C
1000
304.8
69.0 31.4
(7x28)
95% Shield
2000
609.6
134.0 60.9
.037
″
Coverage
(1) TC,
2.0
Ω/M′
(1) BC
6.6
Ω/km
9.5
Ω/M′
31.0
Ω/km
BC = Bare Copper • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene • PE = Polyethylene • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
*Pennsylvania Department of Environmental Resources and United States Mine Safety and Health Administration Certification.
†Final put-up may vary from length shown. ±10% for spools or reels, ±5% for UnReel® cartons.
COAXIAL
CABLES
6.87
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
78 Ohm, 95 Ohm and 100 Ohm Twinax
1
.6
2.0
10
2.1
6.9
50
5.0
16.4
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
1
.6
2.0
10
2.1
6.9
50
5.0
16.4
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
1
.6
2.0
10
2.1
6.9
50
3.6
11.8
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
1
.4
1.3
10
1.1
3.6
50
2.5
8.2
100
4.1
13.5
200
6.4
21.0
400
10.2
33.5
For Plenum version of 9272,
see 89272.
CPE jacket optional.
CPE jacket optional.
CPE jacket optional.
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
1
.3
1.0
10
.9
3.0
20
1.3
4.3
50
2.1
6.9
100
3.0
9.8
400
6.3
20.7
Teflon is a DuPont trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com