Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 9 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 9 Page - Belden Inc.

Back Button 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. 9223 Datasheet HTML 10Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
COAXIAL
CABLES
6.89
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
Electrical Characteristics — Twinax
Attenuation
Frequency (MHz)
9859, 9272, 9463
9271
9182
9207, 9815
9250
9860
9851
.2
.3
.8
1.0
2.0
3.0
.4
0
.6
4.0
5.0
6.0
7.0
12
3
4
5
6
8
10
20
30
40 50
Rise Time
0 to 50% Rise Time (Microseconds)
.1
.2
.3
.4
.5
1.0
3.0
2.0
4.0 5.0
10.0
100
200
300
400
500
1000
2000
3000
4000
5000
9271
9859,
9272,
9463
9860
9182
9851
9250,
9450,
9815
.1
Bit Rate
Bit Rate (Megabits/Sec.)
.2
.3
.4
.5
1.0
3.0
2.0
4.0 5.0
10.0
100
200
300
400
500
1000
2000
3000
4000
5000
9851
9860
9250,
9207,
9815
9271
9859,
9272,
9463
9182
Transfer Impedance
9271
9851
9272, 9859
9815
9463
9207
9250
9860
0.1
1.0
10.0
100.0
1000.0
.1
1.0
10.0
50.0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com