Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 8 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 8 Page - Belden Inc.

Back Button 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. 9223 Datasheet HTML 10Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
COAXIAL
CABLES
6.88
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
100 Ohm • 20 AWG Stranded (7x28) .037
″ One TC/One BC Conductor • Duofoil® (100% Coverage) + TC Braid Shield (86% Coverage)
Polyethylene Insulation • Polyethylene Inner Jacket • Black PVC Outer Jacket
75°C
9207
NEC:
100
30.5
7.1
3.2
20 AWG
.236
5.99
Duofoil
.330
8.38
100
66%
14.5
47.6
CM CL2
U-500 U-152.4
33.0 15.0
(7x28)
+86%
CEC:
500
152.4
34.5 15.7
.037
″
TC Braid
CMG FT4
1000
304.8
68.0 30.9
(1) TC,
1.7
Ω/M′
1640
500.0
111.5 50.7
(1) BC
5.7
Ω/km
2000
609.6
136.0 61.8
9.5
Ω/M′
3280
1000.0
219.8 99.9
31.0
Ω/km
IBM P/N 7362211
5000
1524.0
350.0 159.1
100 Ohm • 20 AWG Stranded (7x28) .037
″ One TC/One BC Conductor • Duofoil (100% Coverage) + TC Braid Shield (85% Coverage)
Plenum • FEP Insulation • Black FEP Jacket
200°C
89207
NEC:
100
30.5
6.7
3.0
20 AWG
.201
5.11
Duofoil
.259
6.58
100
69.5% 14.0
46.0
CMP
500
152.4
26.0 11.8
(7x28)
+85%
CEC:
1000
304.8
55.0 25.0
.037
″
TC Braid
CMP FT6
(1) TC, (1) BC
2.5
Ω/M′
9.5
Ω/M′
8.2
Ω/km
31.2
Ω/km
124 Ohm • 25 AWG Stranded (7x33) .021
″ Tinned Copper Conductors • Beldfoil® Shield (100% Coverage) • Stranded TC Drain Wire
Polyethylene Insulation • Blue PVC Jacket (Color Code: Clear, Blue)
UL AWM
9271
NEC:
100
30.5
3.2
1.5
25 AWG
.170
4.32
Beldfoil
.240
6.10
124
66%
12.2
40.0
Style 2092
CM
500
152.4
12.5
5.7
(7x33)
12.0
Ω/M′
(300V 60°C)
CEC:
U-1000 U-304.8
27.0 12.3
.021
″
39.4
Ω/km
CM
1000
304.8
28.0 12.7
TC
31.8
Ω/M′
104.3
Ω/km
124 Ohm • 16 AWG Solid .051
″ Bare Copper Conductors • Duofoil (100% Coverage) + Tinned Copper Braid Shield (90% Coverage)
Foam Polyethylene Insulation • Black PVC Jacket (Color Code: Clear, Blue)
UL AWM
9860
NEC:
500
152.4
52.0 23.6
16 AWG
.322
8.18
Duofoil
.440
11.18
124
78%
10.9
35.8
Style 2448
CMX
1000
304.8
103.0 46.8
(solid)
+ 90%
(30V 60°C)
CEC:
2000
609.6
202.0 91.8
.051
″
TC Braid
VW-1
CMX
BC
1.3
Ω/M′
4.2
Ω/M′
4.3
Ω/km
13.8
Ω/km
150 Ohm • 22 AWG Stranded (19x34) .031
″ Tinned Copper Conductors • Duofoil Shield (100% Coverage) • Stranded TC Drain Wire
Datalene® Insulation • Black PVC Jacket (Color Code: Black, Yellow)
UL AWM
9182
NEC:
U-500 U-152.4
21.5
9.8
22 AWG
.275
6.98
Duofoil
.345
8.76
150
78%
8.8
28.9
Style 2668
CMX
500
152.4
23.0 10.4
(19x34)
6.3
Ω/M′
(30V 60°C)
CL2X
1000
304.8
44.0 20.0
.031
″
20.7
Ω/km
VW-1
CEC:
TC
CMX
14.0
Ω/M′
45.9
Ω/km
Plenum • Foam FEP Teflon Insulation • Black FEP Teflon Jacket (Color Code: Black, Yellow)
89182
NEC:
100
30.5
6.4
2.9
22 AWG
.278
7.06
Duofoil
.307
7.80
150
78%
8.8
28.9
CMP
500
152.4
28.0 12.7
(19x34)
6.3
Ω/M′
CL2P
1000
304.8
53.0 24.1
.031
″
20.7
Ω/km
CEC:
TC
CMP FT6
14.0
Ω/M′
45.9
Ω/km
BC = Bare Copper • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
Teflon is a DuPont trademark.
Computer and Instrumentation Cable
100 Ohm, 124 Ohm and 150 Ohm Twinax
1
.6
2.0
10
1.7
5.6
50
3.6
11.8
100
5.0
16.4
200
6.9
22.6
400
9.6
31.5
1.2.6
10
.7
2.3
50
1.8
5.9
100
2.9
9.5
200
4.1
13.5
400
6.2
20.3
1
.4
1.3
10
1.2
3.9
50
2.7
8.7
100
4.3
14.1
200
6.2
20.3
400
8.8
28.9
1
.4
1.3
10
1.2
3.9
50
2.7
8.7
100
4.3
14.1
200
6.2
20.3
400
8.8
28.9
Shorting Fold
Shorting Fold
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
CPE jacket optional.
CPE jacket optional.
For Plenum version of 9182,
see 89182.
Dual version: YR41609.
CPE jacket optional.
1
.3
1.0
10
1.2
3.9
50
2.8
9.2
100
4.1
13.5
200
6.4
21.0
400
10.2
33.5
1
.3
1.0
10
1.2
3.9
50
2.8
9.2
100
4.1
13.5
200
6.4
21.0
300
8.4
27.6
400
10.2
33.5
For Plenum versions see 89207.
CPE jacket optional.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com