Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 1 Page - Belden Inc.

  9223 Datasheet HTML 1Page - Belden Inc. 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Twinax • 24 AWG Stranded (19x36) .024
″ Silver-coated High-Strength Copper Alloy Conductor • SCHSCA Braid Shield (93% Coverage)
TFE Teflon® Insulation • Blue PFA Jacket (Color Code: White, Blue)
200°C
81553
—
500 †
152.4
9.0
4.1
24 AWG
.084
2.13
SCHSCA
.129
3.28
77
70%
24.0
78.7
1000 †
304.8
16.0
7.3
(19x36)
93% Shield
.024
″
Coverage
SCHSCA
7.3
Ω/M′
24.0
Ω/M′
24.0
Ω/km
78.7
Ω/km
M17/176-00002
Twinax • 20 AWG Stranded (7x28) .038
″ Tinned Copper Conductor • Tinned Copper Braid Shield (85% Coverage)
Polyethylene Insulation • Black Non-contaminating PVC Jacket (One conductor has bare strand for ID)
85°C
9859
—
1000
304.8
33.0 15.0
20 AWG
.158
4.01
TC Braid
.235
5.97
78
66%
19.7
64.6
(7x28)
85% Shield
.038
″
Coverage
TC
5.3
Ω/M′
9.5
Ω/M′
17.4
Ω/km
31.2
Ω/km
M17/45-RG108
DCR = DC Resistance • PFA = Perfluoroalkoxy • SCHSCA = Silver-coated High-strength Copper Alloy • TC = Tinned Copper • TFE = Tetra Fluoroethylene
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
†Spools may contain more than one piece. Minimum length of any one piece is 50 ft. Length may vary ±10% from length shown for spools or reels and ±5% UnReel® cartons.
Not RoHS compliant at time of printing. Please check with Belden Technical Support for current compliance information at 1-800-BELDEN-1.
COAXIAL
CABLES
6.81
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
MIL- C-17G QPL Cable
Twinax
1
1.2
3.9
10
4.0
13.1
50
9.2
30.2
100
13.0
42.7
200
18.4
60.4
400
26.1
85.6
700
34.6 113.5
900
39.3 128.9
1000
41.4 135.8
1
.7
2.3
10
2.3
7.5
50
5.2
17.1
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
Teflon is a DuPont trademark.
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description


Similar Part No. - 9223

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9223 ALPHAWIRE-9223 Datasheet
107Kb / 4P
Customer Specification
logo
KNIPEX
922301 KNIPEX-922301 Datasheet
93Kb / 1P
Pinza de titanio
05.07.2021
logo
List of Unclassifed Man...
922389 ETC-922389 Datasheet
6Mb / 68P
Contacts
May 2019
922390 ETC-922390 Datasheet
6Mb / 68P
Contacts
May 2019
logo
KISTLER INSTRUMENT CORP...
9223A KISTLER-9223A Datasheet
119Kb / 3P
Miniature Quartz Measuring Tongue for mold cavity pressure
More results

Similar Description - 9223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
08-Oct-04
logo
ITT Industries
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
MIL-C-5015 Connectors
logo
AVX Corporation
CY06 AVX-CY06 Datasheet
53Kb / 2P
Glass Capacitors CY06, 07, 08 (QPL to MIL-C-11272/13/14/15)
logo
Pulse A Technitrol Comp...
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
MIL-C-5015 Connectors
1634325 ITT-1634325 Datasheet
191Kb / 1P
MIL-C-26482 Series
logo
List of Unclassifed Man...
MRG1781 ETC2-MRG1781 Datasheet
35Kb / 2P
Coaxial communication cable based on MIL-C-17
MRG1791 ETC2-MRG1791 Datasheet
35Kb / 2P
Coaxial communication cable based on MIL-C-17
MRG5801 ETC2-MRG5801 Datasheet
43Kb / 2P
Coaxial communication cable based on MIL-C-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com