Electronic Components Datasheet Search
  English  ▼

X  

9223 Datasheet(PDF) 3 Page - Belden Inc.

Part # 9223
Description  MIL-C-17G QPL Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9223 Datasheet(HTML) 3 Page - Belden Inc.

  9223 Datasheet HTML 1Page - Belden Inc. 9223 Datasheet HTML 2Page - Belden Inc. 9223 Datasheet HTML 3Page - Belden Inc. 9223 Datasheet HTML 4Page - Belden Inc. 9223 Datasheet HTML 5Page - Belden Inc. 9223 Datasheet HTML 6Page - Belden Inc. 9223 Datasheet HTML 7Page - Belden Inc. 9223 Datasheet HTML 8Page - Belden Inc. 9223 Datasheet HTML 9Page - Belden Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Thinnet 10Base2 Ethernet • 20 AWG Stranded (19x32) .037
″ Conductor • Duobond® II + Overall TC Braid Shield (93% Coverage)
Non-plenum • Foam Polyethylene Insulation • Gray PVC Jacket
UL AWM
9907
NEC:
500
152.4
12.5
5.7
20 AWG
.102
2.59
Duobond II* .185
4.70
50
80%
25.4
83.3
Style 1354
CL2
U-1000
U-304.8
24.0 10.9
(19x32)
+ 93%
(30V 60°C)
CM
1000
304.8
23.0 10.4
.037
″
TC Braid
CEC:
1640
500.0
41.0 18.6
TC
5.8
Ω/M′
CM
2500
762.0
62.5 28.4
8.8
Ω/M′
19.0
Ω/km
3280
1000.0
82.0 37.3
28.9
Ω/km
RG-58A/U Type
DEC Part No. 17-01248-00
Plenum • Foam FEP Insulation • Gray Fluorocopolymer Jacket
150°C
89907
NEC:
500
152.4
11.0
5.0
20 AWG
.095
2.41
Duobond II* .160
4.06
50
80%
25.4
83.3
CMP
1000 †
304.8
22.0 10.0
(19x32)
+ 93%
CL2P
2500 †
762.0
60.0 27.3
.037
″
TC Braid
CEC:
TC
5.8
Ω/M′
CMP FT6
8.8
Ω/M′
19.0
Ω/km
28.9
Ω/km
RG-58A/U Type
DEC Part No. 17-01246-00. Suitable for Outdoor applications.
Plenum • FPFA Insulation • Natural Flamarrest® Jacket
75°C
82907
NEC:
500 †
152.4
11.0
5.0
20 AWG
.095
2.41
Duobond II* .160
4.06
50
80%
25.4
83.3
CMP
U-1000 †† U-304.8
23.0 10.5
(19x32)
+ 93%
CL2P
1000 †
304.8
22.0 10.0
.037
″
TC Braid
CEC:
2500 †
762.0
57.5 26.1
TC
5.8
Ω/M′
CMP FT6
8.8
Ω/M′
19.0
Ω/km
28.9
Ω/km
RG-58A/U Type
Thicknet 10Base5 Ethernet • 12 AWG Solid .086
″ Bare Copper Conductor • Duobond IV Quad Shield (100% Coverage)
Non-plenum • Foam Polyethylene Insulation • Yellow PVC Jacket
UL AWM
9880
NEC:
500
152.4
66.0 30.0
12 AWG
.243
6.17 Duobond IV* .405
10.29
50
78%
26.0
85.3
Style 1478
CL2
1000
304.8 131.0 59.5
(solid)
(Duobond II
(30V 60°C)
CM
1640
500.0 219.8 99.7
.086
″
+ 94% TC Braid
CEC:
BC
+ Duofoil
®
CM
1.4
Ω/M′
+ 90% TC
4.7
Ω/km
Braid)
1.5
Ω/M′
DEC Part No. 17-00451-00
5.0
Ω/km
Ring-band stripes marked every 2.5 meters to aid users in tap placement.
Plenum • Foam FEP Insulation • Orange Fluorocopolymer Jacket
150°C
89880
NEC:
1000
304.8 134.0 60.9
12 AWG
.245
6.22 Duobond IV* .375
9.53
50
78%
26.0
85.3
CL2P
1640 †
500.0 224.7 102.1
(solid)
(Duobond II
CMP
.086
″
+ 90% TC Braid
CEC:
BC
+ Duofoil
CMP FT6
1.4
Ω/M′
+ 90% TC
4.7
Ω/km
Braid)
DEC Part No. 17-00324-00
1.5
Ω/M′
Ring-band stripes marked every 2.5 meters to aid users in tap placement.
5.0
Ω/km
Suitable for Outdoor and Direct Burial applications.
BC = Bare Copper • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene • FPFA = Foam Perfluoroalkoxy • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
For cable manufactured to latest government revision or other MIL-SPEC requirements, please contact your nearest Belden Regional Sales Office.
*Duobond II = Bonded Duofoil
® (100% coverage) + aluminum braid (67% coverage).
Duobond IV = Bonded Duofoil (100% coverage) + aluminum braid (67% coverage) + Duofoil (100% coverage) + aluminum braid (46% coverage).
† Final put-up length may vary from length shown ±10% for spools and reels, ±5% for UnReel® cartons.
†† Length may vary -0/+10%.
COAXIAL
CABLES
6.83
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
50 Ohm Ethernet® Coax
1
.4
1.4
10
1.3
4.3
50
2.9
9.5
100
4.2
13.8
200
6.1
20.0
400
8.9
29.2
700
12.1
39.7
900
13.9
45.6
1000
14.8
48.6
1
.4
1.4
10
1.3
4.3
50
2.9
9.5
100
4.2
13.7
200
6.1
20.0
400
9.2
30.2
700
12.9
42.3
900
15.0
49.2
1000
16.0
52.5
1
.4
1.4
10
1.3
4.3
50
2.9
9.5
100
4.2
13.7
200
6.1
20.0
400
9.2
30.2
700
12.9
42.3
900
15.0
49.2
1000
16.0
52.5
1.2.6
5
.4
1.2
10
.5
1.7
50
1.2
3.9
100
1.7
5.6
200
2.6
8.4
400
3.9
12.8
700
5.5
18.1
900
6.5
21.3
1000
6.9
22.6
1.2.6
5
.4
1.2
10
.5
1.7
50
1.2
3.8
100
1.7
5.4
200
2.5
8.0
400
3.8
12.5
700
5.6
18.4
900
6.8
22.3
1000
7.2
23.6
For Plenum versions
see 89907 or 82907.
For Non-plenum version see 9907.
For Non-plenum version see 9907.
For Plenum version see 89880.
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com