Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 96Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 97Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 98Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 99Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 100Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 101Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 102Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 103Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
100
Rev. 1.6
8.4.
Power Management Modes
The CIP-51 core has two software programmable power management modes: Idle and Stop. Idle mode
halts the CPU while leaving the peripherals and clocks active. In Stop mode, the CPU is halted, all inter-
rupts and timers (except the Missing Clock Detector) are inactive, and the internal oscillator is stopped
(analog peripherals remain in their selected states; the external oscillator is not effected). Since clocks are
running in Idle mode, power consumption is dependent upon the system clock frequency and the number
of peripherals left in active mode before entering Idle. Stop mode consumes the least power. SFR Defini-
tion 8.12 describes the Power Control Register (PCON) used to control the CIP-51's power management
modes.
Although the CIP-51 has Idle and Stop modes built in (as with any standard 8051 architecture), power
management of the entire MCU is better accomplished by enabling/disabling individual peripherals as
needed. Each analog peripheral can be disabled when not in use and placed in low power mode. Digital
peripherals, such as timers or serial buses, draw little power when they are not in use. Turning off the oscil-
lators lowers power consumption considerably; however, a reset is required to restart the MCU.
8.4.1. Idle Mode
Setting the Idle Mode Select bit (PCON.0) causes the CIP-51 to halt the CPU and enter Idle mode as soon
as the instruction that sets the bit completes execution. All internal registers and memory maintain their
original data. All analog and digital peripherals can remain active during Idle mode.
Idle mode is terminated when an enabled interrupt is asserted or a reset occurs. The assertion of an
enabled interrupt will cause the Idle Mode Selection bit (PCON.0) to be cleared and the CPU to resume
operation. The pending interrupt will be serviced and the next instruction to be executed after the return
from interrupt (RETI) will be the instruction immediately following the one that set the Idle Mode Select bit.
If Idle mode is terminated by an internal or external reset, the CIP-51 performs a normal reset sequence
and begins program execution at address 0x0000.
If enabled, the Watchdog Timer (WDT) will eventually cause an internal watchdog reset and thereby termi-
nate the Idle mode. This feature protects the system from an unintended permanent shutdown in the event
of an inadvertent write to the PCON register. If this behavior is not desired, the WDT may be disabled by
software prior to entering the Idle mode if the WDT was initially configured to allow this operation. This pro-
vides the opportunity for additional power savings, allowing the system to remain in the Idle mode indefi-
nitely, waiting for an external stimulus to wake up the system. Refer to Section “9.6. PCA Watchdog
Timer Reset” on page 106 for more information on the use and configuration of the WDT.
Note: Any instruction that sets the IDLE bit should be immediately followed by an instruction that
has 2 or more opcode bytes. For example:
// in 'C':
PCON |= 0x01; // set IDLE bit
PCON
= PCON; // ... followed by a 3-cycle dummy instruction
; in assembly:
ORL PCON, #01h ; set IDLE bit
MOV PCON, PCON; ... followed by a 3-cycle dummy instruction
If the instruction following the write of the IDLE bit is a single-byte instruction and an interrupt occurs during
the execution phase of the instruction that sets the IDLE bit, the CPU may not wake from IDLE mode when
a future interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com