Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 86Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 87Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 88Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 89Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 90Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 91Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 92Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 93Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
90
Rev. 1.6
SFR Definition 8.4. PSW: Program Status Word
SFR Definition 8.5. ACC: Accumulator
Bit7:
CY: Carry Flag.
This bit is set when the last arithmetic operation resulted in a carry (addition) or a borrow
(subtraction). It is cleared to logic 0 by all other arithmetic operations.
Bit6:
AC: Auxiliary Carry Flag
This bit is set when the last arithmetic operation resulted in a carry into (addition) or a borrow
from (subtraction) the high order nibble. It is cleared to logic 0 by all other arithmetic opera-
tions.
Bit5:
F0: User Flag 0.
This is a bit-addressable, general purpose flag for use under software control.
Bits4–3: RS1–RS0: Register Bank Select.
These bits select which register bank is used during register accesses.
Bit2:
OV: Overflow Flag.
This bit is set to 1 under the following circumstances: an ADD, ADDC, or SUBB instruction
causes a sign-change overflow, a MUL instruction results in an overflow (result is greater
than 255), or a DIV instruction causes a divide-by-zero condition. The OV bit is cleared to 0
by the ADD, ADDC, SUBB, MUL, and DIV instructions in all other cases.
Bit1:
F1: User Flag 1.
This is a bit-addressable, general purpose flag for use under software control.
Bit0:
PARITY: Parity Flag.
This bit is set to logic 1 if the sum of the eight bits in the accumulator is odd and cleared if the
sum is even.
R/WR/W
R/WR/W
R/WR/W
R/W
R
Reset Value
CY
AC
F0
RS1
RS0
OV
F1
PARITY
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0xD0
RS1
RS0
Register Bank
Address
0
0
0
0x00–0x07
0
1
1
0x08–0x0F
1
0
2
0x10–0x17
1
1
3
0x18–0x1F
Bits7–0: ACC: Accumulator.
This register is the accumulator for arithmetic operations.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0xE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com