Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 50Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 51Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 52Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 53Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 54Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 55Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 56Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 57Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
54
Rev. 1.6
5.3.3. Settling Time Requirements
When the ADC0 input configuration is changed (i.e., a different AMUX0 selection is made), a minimum
tracking time is required before an accurate conversion can be performed. This tracking time is determined
by the AMUX0 resistance, the ADC0 sampling capacitance, any external source resistance, and the accu-
racy required for the conversion. In low-power tracking mode, three SAR clocks are used for tracking at the
start of every conversion. For most applications, these three SAR clocks will meet the minimum tracking
time requirements.
Figure 5.5 shows the equivalent ADC0 input circuits for both Differential and Single-ended modes. Notice
that the equivalent time constant for both input circuits is the same. The required ADC0 settling time for a
given settling accuracy (SA) may be approximated by Equation 5.1. When measuring the Temperature
Sensor output or VDD with respect to GND, RTOTAL reduces to RMUX. See Table 5.1 for ADC0 minimum
settling time requirements.
Where:
SA is the settling accuracy, given as a fraction of an LSB (for example, 0.25 to settle within 1/4 LSB)
t is the required settling time in seconds
RTOTAL is the sum of the AMUX0 resistance and any external source resistance.
n is the ADC resolution in bits (10).
Figure 5.5. ADC0 Equivalent Input Circuits
Equation 5.1. ADC0 Settling Time Requirements
t
2
n
SA
-------
⎝⎠
⎛⎞
R
TOTALCSAMPLE
×
ln
=
R
MUX = 5k
RC
Input= RMUX * CSAMPLE
R
MUX = 5k
C
SAMPLE = 5pF
C
SAMPLE = 5pF
MUX Select
MUX Select
Differential Mode
Px.x
Px.x
R
MUX = 5k
C
SAMPLE = 5pF
RC
Input= RMUX * CSAMPLE
MUX Select
Single-Ended Mode
Px.x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com