Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 165 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 165 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 161Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 162Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 163Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 164Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 165Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 166Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 167Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 168Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 169Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 224 page
background image
Rev. 1.6
165
C8051F310/1/2/3/4/5/6/7
SFR Definition 15.2. SBUF0: Serial (UART0) Port Data Buffer
Bits7–0: SBUF0[7:0]: Serial Data Buffer Bits 7–0 (MSB–LSB)
This SFR accesses two registers; a transmit shift register and a receive latch register. When
data is written to SBUF0, it goes to the transmit shift register and is held for serial transmis-
sion. Writing a byte to SBUF0 initiates the transmission. A read of SBUF0 returns the con-
tents of the receive latch.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0x99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com