Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 178 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 178 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 174Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 175Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 176Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 177Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 178Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 179Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 180Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 181Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 182Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
178
Rev. 1.6
SFR Definition 16.3. SPI0CKR: SPI0 Clock Rate
SFR Definition 16.4. SPI0DAT: SPI0 Data
Bits 7–0: SCR7–SCR0: SPI0 Clock Rate.
These bits determine the frequency of the SCK output when the SPI0 module is configured
for master mode operation. The SCK clock frequency is a divided version of the system
clock, and is given in the following equation, where SYSCLK is the system clock frequency
and SPI0CKR is the 8-bit value held in the SPI0CKR register.
for 0 <= SPI0CKR <= 255
Example: If SYSCLK = 2 MHz and SPI0CKR = 0x04,
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
SCR7
SCR6
SCR5
SCR4
SCR3
SCR2
SCR1
SCR0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address: 0xA2
f
SCK
2000000
24
1
+
()
×
--------------------------
=
f
SCK
200kHz
=
f
SCK
SYSCLK
2
SPI0CKR
1
+
()
×
-------------------------------------------------
=
Bits 7–0: SPI0DAT: SPI0 Transmit and Receive Data.
The SPI0DAT register is used to transmit and receive SPI0 data. Writing data to SPI0DAT
places the data into the transmit buffer and initiates a transfer when in Master Mode. A read
of SPI0DAT returns the contents of the receive buffer.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address: 0xA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com