Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  3210552 Datasheet HTML 1Page - PHOENIX CONTACT 3210552 Datasheet HTML 2Page - PHOENIX CONTACT 3210552 Datasheet HTML 3Page - PHOENIX CONTACT 3210552 Datasheet HTML 4Page - PHOENIX CONTACT 3210552 Datasheet HTML 5Page - PHOENIX CONTACT 3210552 Datasheet HTML 6Page - PHOENIX CONTACT 3210552 Datasheet HTML 7Page - PHOENIX CONTACT 3210552 Datasheet HTML 8Page - PHOENIX CONTACT 3210552 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 5 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Technical data
Connection data
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
0.5 mm²
Stripping length
8 mm ... 10 mm
Standards and Regulations
Flammability rating according to UL 94
V0
Drawings
Circuit diagram
Classifications
eCl@ss
eCl@ss 4.0
27141121
eCl@ss 4.1
27141121
eCl@ss 5.0
0
eCl@ss 5.1
27141120
eCl@ss 6.0
27141120
eCl@ss 7.0
27141120
eCl@ss 8.0
27141125
eCl@ss 9.0
27141125
ETIM
ETIM 3.0
EC000897
ETIM 4.0
EC000901
ETIM 5.0
EC001329
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com