Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3210552 Datasheet HTML 1Page - PHOENIX CONTACT 3210552 Datasheet HTML 2Page - PHOENIX CONTACT 3210552 Datasheet HTML 3Page - PHOENIX CONTACT 3210552 Datasheet HTML 4Page - PHOENIX CONTACT 3210552 Datasheet HTML 5Page - PHOENIX CONTACT 3210552 Datasheet HTML 6Page - PHOENIX CONTACT 3210552 Datasheet HTML 7Page - PHOENIX CONTACT 3210552 Datasheet HTML 8Page - PHOENIX CONTACT 3210552 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 1 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Installation ground terminal block, Push-in connection, Cross section:  0.14 mm² - 4 mm², AWG: 26 - 12,
Width: 5.2 mm, Color: gray, Mounting type: NS 35/7,5, NS 35/15
Why buy this product
 Double function shafts on all levels
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
22.000 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Environmental Product Compliance
China RoHS
No hazardous substances above threshold values
General
Number of levels
3
Number of connections
5
Nominal cross section
2.5 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
4 kV
Degree of pollution
3
Overvoltage category
III


Similar Part No. - 3210552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210552 PHOENIX-3210552 Datasheet
182Kb / 20P
Installation level terminal block - PTB 2,5-PE/L/TG
3210552 PHOENIX-3210552 Datasheet
178Kb / 22P
Installation ground terminal block - PTB 2,5-PE/L/MT
More results

Similar Description - 3210552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3076030 PHOENIX-3076030 Datasheet
88Kb / 7P
Installation ground terminal block - UTI 2,5-PE/L/N
3076032 PHOENIX-3076032 Datasheet
91Kb / 7P
Installation ground terminal block - UTI 2,5-PE/L/NTB
3209044 PHOENIX-3209044 Datasheet
80Kb / 5P
Installation ground terminal block - STIO 2,5/3-PE/B/L
3210539 PHOENIX-3210539 Datasheet
182Kb / 20P
Installation level terminal block - PTB 2,5-PE/L/TG
3210547 PHOENIX-3210547 Datasheet
178Kb / 22P
Installation ground terminal block - PTB 2,5-PE/L/L
3210549 PHOENIX-3210549 Datasheet
178Kb / 22P
Installation ground terminal block - PTB 2,5-PE/L/MT
3213949 PHOENIX-3213949 Datasheet
92Kb / 7P
Installation ground terminal block - PTI 2,5-PE/L/L
3213950 PHOENIX-3213950 Datasheet
92Kb / 7P
Installation ground terminal block - PTI 2,5-PE/L/N
3076029 PHOENIX-3076029 Datasheet
527Kb / 25P
Installation ground terminal block - UTI 2,5-PE/L/L
3076040 PHOENIX-3076040 Datasheet
229Kb / 21P
Installation ground terminal block - UTI 6-PE/L/L
10/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com