Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 3210552 Datasheet HTML 17Page - PHOENIX CONTACT 3210552 Datasheet HTML 18Page - PHOENIX CONTACT 3210552 Datasheet HTML 19Page - PHOENIX CONTACT 3210552 Datasheet HTML 20Page - PHOENIX CONTACT 3210552 Datasheet HTML 21Page - PHOENIX CONTACT 3210552 Datasheet HTML 22Page - PHOENIX CONTACT 3210552 Datasheet HTML 23Page - PHOENIX CONTACT 3210552 Datasheet HTML 24Page - PHOENIX CONTACT 3210552 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 21 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Accessories
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Screwdriver - ST-BW - 1207608
Actuation tool, for all 2.5 mm² - 4.0 mm² spring-cages
 
 
Terminal marking
Zack marker strip - ZB 5 :UNBEDRUCKT - 1050004
Zack marker strip, Strip, white, unlabeled, can be labeled with: Plotter, Mounting type: Snap into tall marker groove, for
terminal block width: 5.2 mm, Lettering field: 5.1 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 5 - 0818108
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, Mounting
type: Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field: 10.5 x 4.6 mm
 
 
Marker for terminal blocks - UCT-TM 5 - 0828734
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: THERMOMARK CARD, BLUEMARK CLED,
BLUEMARK LED, TOPMARK LASER, THERMOMARK PRIME, Mounting type: Snap into tall marker groove, for terminal
block width: 5.2 mm, Lettering field: 4.6 x 10.5 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com