Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 3210552 Datasheet HTML 15Page - PHOENIX CONTACT 3210552 Datasheet HTML 16Page - PHOENIX CONTACT 3210552 Datasheet HTML 17Page - PHOENIX CONTACT 3210552 Datasheet HTML 18Page - PHOENIX CONTACT 3210552 Datasheet HTML 19Page - PHOENIX CONTACT 3210552 Datasheet HTML 20Page - PHOENIX CONTACT 3210552 Datasheet HTML 21Page - PHOENIX CONTACT 3210552 Datasheet HTML 22Page - PHOENIX CONTACT 3210552 Datasheet HTML 23Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 19 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Accessories
Zack Marker strip, flat - ZBF 5,QR:FORTL.ZAHLEN - 0808697
Zack Marker strip, flat, Strip, white, labeled, Printed vertically: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - 100,
Mounting type: Snap into flat marker groove, for terminal block width: 5 mm, Lettering field: 5.15 x 5.15 mm
 
 
Zack Marker strip, flat - ZBF 5,LGS:GERADE ZAHLEN - 0810821
Zack Marker strip, flat, Strip, white, labeled, Printed horizontally: Consecutive numbers 2 - 20, 22 - 40, etc. up to 82 - 100,
Mounting type: Snap into flat marker groove, for terminal block width: 5 mm, Lettering field: 5.15 x 5.15 mm
 
 
Zack Marker strip, flat - ZBF 5,LGS:UNGERADE ZAHLEN - 0810863
Zack Marker strip, flat, Strip, white, labeled, Printed horizontally: Odd numbers 1 - 19, 21 - 39, etc. up to 81 - 99,
Mounting type: Snap into flat marker groove, for terminal block width: 5 mm, Lettering field: 5.15 x 5.15 mm
 
 
Marker for terminal blocks - UC-TMF 5 CUS - 0824638
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, Mounting type:
Snap into flat marker groove, for terminal block width: 5.2 mm, Lettering field: 4.6 x 5.1 mm
 
 
Marker for terminal blocks - UCT-TMF 5 CUS - 0829658
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, Mounting type:
Snap into flat marker groove, for terminal block width: 5.2 mm, Lettering field: 4.4 x 4.7 mm
 
 
Marker carriers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com