Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 3210552 Datasheet HTML 12Page - PHOENIX CONTACT 3210552 Datasheet HTML 13Page - PHOENIX CONTACT 3210552 Datasheet HTML 14Page - PHOENIX CONTACT 3210552 Datasheet HTML 15Page - PHOENIX CONTACT 3210552 Datasheet HTML 16Page - PHOENIX CONTACT 3210552 Datasheet HTML 17Page - PHOENIX CONTACT 3210552 Datasheet HTML 18Page - PHOENIX CONTACT 3210552 Datasheet HTML 19Page - PHOENIX CONTACT 3210552 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 16 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Accessories
Plug-in bridge - FBSR 3-5 - 3001591
Plug-in bridge, Pitch: 5.2 mm, Number of positions: 3, Color: red
 
 
Plug-in bridge - FBSR 4-5 - 3001592
Plug-in bridge, Pitch: 5.2 mm, Number of positions: 4, Color: red
 
 
Plug-in bridge - FBSR 5-5 - 3001593
Plug-in bridge, Pitch: 5.2 mm, Number of positions: 5, Color: red
 
 
Plug-in bridge - FBSR 10-5 - 3033710
Plug-in bridge, Pitch: 5.2 mm, Number of positions: 10, Color: red
 
 
Knife
Isolating plugs - P-DI - 3036783
Isolating plugs, Length: 10.8 mm, Width: 3.5 mm, Height: 23.1 mm, Color: orange
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com