Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 3210552 Datasheet HTML 7Page - PHOENIX CONTACT 3210552 Datasheet HTML 8Page - PHOENIX CONTACT 3210552 Datasheet HTML 9Page - PHOENIX CONTACT 3210552 Datasheet HTML 10Page - PHOENIX CONTACT 3210552 Datasheet HTML 11Page - PHOENIX CONTACT 3210552 Datasheet HTML 12Page - PHOENIX CONTACT 3210552 Datasheet HTML 13Page - PHOENIX CONTACT 3210552 Datasheet HTML 14Page - PHOENIX CONTACT 3210552 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 11 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Accessories
DIN rail, unperforated - NS 35/15-2,3 UNPERF 2000MM - 1201798
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
Documentation
Mounting material - PT-IL - 3208090
Operating decal for the push-in Technology
 
 
End block
End clamp - CLIPFIX 35 - 3022218
Quick mounting end clamp for NS 35/7,5 DIN rail or NS 35/15 DIN rail, with marking option, width: 9.5 mm, color: gray
 
 
End clamp - CLIPFIX 35-5 - 3022276
Quick mounting end clamp for NS 35/7,5 DIN rail or NS 35/15 DIN rail, with marking option, with parking option for
FBS...5, FBS...6, KSS 5, KSS 6, width: 5.15 mm, color: gray
 
 
End clamp - E/NS 35 N - 0800886
End clamp, width: 9.5 mm, color: gray
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com