Electronic Components Datasheet Search
  English  ▼

X  

3210552 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 3210552
Description  Installation ground terminal block - PTB 2,5-PE/L/NTG
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210552 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 3210552 Datasheet HTML 17Page - PHOENIX CONTACT 3210552 Datasheet HTML 18Page - PHOENIX CONTACT 3210552 Datasheet HTML 19Page - PHOENIX CONTACT 3210552 Datasheet HTML 20Page - PHOENIX CONTACT 3210552 Datasheet HTML 21Page - PHOENIX CONTACT 3210552 Datasheet HTML 22Page - PHOENIX CONTACT 3210552 Datasheet HTML 23Page - PHOENIX CONTACT 3210552 Datasheet HTML 24Page - PHOENIX CONTACT 3210552 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
https://www.phoenixcontact.com/us/products/3210545
09/06/2016   Page 23 / 25
Installation ground terminal block - PTB 2,5-PE/L/NTG - 3210545
Accessories
Test plugs - PS-5/2,3MM RD - 3038723
Test plugs, Color: red
 
 
Test socket
Test adapter - PAI-4-N GY - 3032871
4 mm test adapter, for terminal blocks with 5.2 mm, 6.2 mm and 8.2 mm pitch
 
 
Additional products
Isolating plugs - P-DI - 3036783
Isolating plugs, Length: 10.8 mm, Width: 3.5 mm, Height: 23.1 mm, Color: orange
 
 
Feed-through connector - P-FIX - 3038956
Feed-through connector, Length: 10.5 mm, Width: 4 mm, Color: gray
 
 
Component connector - P-CO - 3036796
Component connector, for installing components that can be individually selected, Nominal current: 6 A, Pitch: 5.2 mm,
Length: 24.2 mm, Width: 5.2 mm, Height: 33.3 mm, Number of positions: 1, Color: gray
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com