Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
EN
IN
OUT
GND
1 PF
1 PF
INPUT
ENABLE
GND
OUTPUT
LP5907-Q1
15
LP5907-Q1
www.ti.com
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Figure 20 shows the typical application circuit for the LP5907-Q1. Input and output capacitances may need to be
increased above the 1 µF minimum for some applications.
8.2 Typical Application
Figure 20. LP5907-Q1 Typical Application
8.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.2 to 5.5 V
Output voltage
1.8 V
Output current
200 mA
Output capacitor range
0.7 to 10 µF
Input/output capacitor ESR range
5 to 500 mΩ
8.2.2 Detailed Design Procedure
To begin the design process, determine the following:
•
Available input voltage range
•
Output voltage needed
•
Output current needed
•
Input and Output capacitors
8.2.2.1 Power Dissipation and Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the device, to the ultimate heat sink, the ambient environment. Thus, the
power dissipation is dependent on the ambient temperature and the thermal resistance across the various
interfaces between the die junction and ambient air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com