Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments LP5907 Datasheet HTML 20Page - Texas Instruments LP5907 Datasheet HTML 21Page - Texas Instruments LP5907 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
20
s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180515
100
s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180514
18
LP5907-Q1
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 21. Start-Up
Figure 22. Load Transient Response
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 2.2 V to 5.5 V. The input supply must
be well regulated and free of spurious noise. To ensure that the LP5907-Q1 output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 1 V. A minimum capacitor value of
1 µF is required to be within 1 cm of the IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com