Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments LP5907 Datasheet HTML 19Page - Texas Instruments LP5907 Datasheet HTML 20Page - Texas Instruments LP5907 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LP5907-Q1
www.ti.com
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8.2.2.5 Capacitor Characteristics
The LP5907-Q1 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits they offer. For capacitance values in the range of 1 µF to 10 µF, ceramic capacitors are the smallest,
least expensive, and have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 1-µF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR
requirement for stability for the LP5907-Q1.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the most stable
and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are less desirable than
ceramic for use as output capacitors because they are more expensive when comparing equivalent capacitance
and voltage ratings in the 1 µF to 10 µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. The ESR of a typical tantalum increases about 2:1 as the temperature goes
from 25°C down to –40°C, so some guard band must be allowed.
8.2.2.6 Remote Capacitor Operation
The LP5907-Q1 requires at least a 1-µF capacitor at the OUT pin, but there are no strict requirements about the
location of the capacitor in regards to the pin. In practical designs the output capacitor may be located up to 10
cm away from the LDO. This means that there is no need to have a special capacitor close to the output pin if
there is already respective capacitors in the system (like a capacitor at the input of supplied part). The remote
capacitor feature helps user to minimize the number of capacitors in the system.
As a good design practice, keep the wiring parasitic inductance at a minimum, which means to use as wide as
possible traces from the LDO output to the capacitors, keeping the LDO output trace layer as close as possible
to ground layer and avoiding vias on the path. If there is a need to use vias, implement as many as possible vias
between the connection layers. The recommendation is to keep parasitic wiring inductance less than 35 nH. For
the applications with fast load transients, it is recommended to use an input capacitor equal to or larger to the
sum of the capacitance at the output node for the best load transient performance.
8.2.2.7 No-Load Stability
The LP5907-Q1 remains stable, and in regulation, with no external load.
8.2.2.8 Enable Control
The LP5907-Q1 may be switched ON or OFF by a logic input at the EN pin. A voltage on this pin greater than
VIH turns the device on, while a voltage less than VIL turns the device off.
When the EN pin is low, the regulator output is off and the device typically consumes less than 1 µA.
Additionally, an output pulldown circuit is activated which ensures that any charge stored on COUT is discharged
to ground.
If the application does not require the use of the shutdown feature, the EN pin can be tied directly to the IN pin to
keep the regulator output permanently on.
An internal 1-MΩ pulldown resistor ties the EN input to ground, ensuring that the device remains off if the EN pin
is left open circuit. To ensure proper operation, the signal source used to drive the EN pin must be able to swing
above and below the specified turnon or turnoff voltage thresholds listed in the Electrical Characteristics under
VIL and VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com