Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 4Page - Texas Instruments LP5907 Datasheet HTML 5Page - Texas Instruments LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
IOUT(mA)
VIN = 3.0V
VIN = 3.8V
VIN = 4.2V
VIN = 5.5V
SVA-30180571
0
50
100
150
200
250
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
LOAD (mA)
VIN= 3.6V
-40°C
90°C
25°C
SVA-30180567
VIN (V)
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D002
RLOAD = 1.2 k:
RLOAD = 4.8 :
VIN (V)
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D003
RLOAD = 4.5 k:
RLOAD = 18 :
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
0
2
4
6
8
10
12
14
16
VIN(V)
SVA-30180569
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
0.5
0.6
0.7
0.8
0.9
1
D001
VIH Rising
VIL Falling
8
LP5907-Q1
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
6.7 Typical Characteristics
VIN = 3.7 V, VOUT = 2.8 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TA = 25°C (unless otherwise noted)
Figure 1. Quiescent Current vs Input Voltage
Figure 2. VEN Thresholds vs VIN
VOUT = 1.2 V, VEN = VIN
Figure 3. VOUT vs VIN
VOUT = 4.5 V, VEN = VIN
Figure 4. VOUT vs VIN
Figure 5. Ground Current vs Output Current
Figure 6. Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com