Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LP5907-Q1
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Enable (EN)
The LP5907-Q1 Enable (EN) pin is internally held low by a 1-MΩ resistor to GND. The EN pin voltage must be
higher than the VIH threshold to ensure that the device is fully enabled under all operating conditions.
When the EN pin is pulled low, and the output is disabled, the output automatic discharge circuitry is activated.
Any charge on the OUT pin is discharged to GND through the internal 230-Ω (typical) pull-down resistance.
7.4.2 Minimum Operating Input Voltage (VIN)
The LP5907-Q1 does not include any dedicated undervoltage lockout circuitry. The LP5907-Q1 internal circuitry
is not fully functional until VIN is at least 2.2 V. The output voltage is not regulated until VIN has reached at least
the greater of 2.2 V or (VOUT + VDO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com