Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 24Page - Texas Instruments LP5907 Datasheet HTML 25Page - Texas Instruments LP5907 Datasheet HTML 26Page - Texas Instruments LP5907 Datasheet HTML 27Page - Texas Instruments LP5907 Datasheet HTML 28Page - Texas Instruments LP5907 Datasheet HTML 29Page - Texas Instruments LP5907 Datasheet HTML 30Page - Texas Instruments LP5907 Datasheet HTML 31Page - Texas Instruments LP5907 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
EXAMPLE STENCIL DESIGN
DQN0004A
X2SON - 0.4 mm max height
PLASTIC SMALL OUTLINE - NO LEAD
4215302/E 12/2016
NOTES: (continued)
9.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
www.ti.com
SOLDER PASTE EXAMPLE
BASED ON 0.075 - 0.1mm THICK STENCIL
EXPOSED PAD
88% PRINTED SOLDER COVERAGE BY AREA
SCALE: 60X
SYMM
SYMM
1
2
3
4
SOLDER MASK
EDGE
4X (0.21)
4X (0.4)
(0.65)
(0.9)
(
0.45)
4X (0.03)
4X (0.235)
4X (0.22)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com