Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 6Page - Texas Instruments LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
FREQUENCY (kHz)
0.1
1
10
100
-120
-100
-80
-60
-40
-20
0
D004
250 mA
200 mA
150 mA
100 mA
50 mA
20 mA
0
50
100
150
200
250
0
20
40
60
80
100
120
140
LOAD CURRENT (mA)
Dropout Voltage
SVA-30180573
20
s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180516
100
s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180514
20
s/DIV
VOUT
1V/DIV
EN
1V/DIV
SVA-30180515
10
LP5907-Q1
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.7 V, VOUT = 2.8 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TA = 25°C (unless otherwise noted)
Load = 0 mA
↔ 250 mA, 25°C
Figure 13. Load Transient
0 mA
Figure 14. Start-Up
250 mA
Figure 15. Start-Up
Figure 16. Noise Density Test
Figure 17. Dropout Voltage vs Load Current
Figure 18. PSRR Loads Averaged 100 Hz To 100 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com