Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5368 Datasheet HTML 1Page - Cirrus Logic CDB5368 Datasheet HTML 2Page - Cirrus Logic CDB5368 Datasheet HTML 3Page - Cirrus Logic CDB5368 Datasheet HTML 4Page - Cirrus Logic CDB5368 Datasheet HTML 5Page - Cirrus Logic CDB5368 Datasheet HTML 6Page - Cirrus Logic CDB5368 Datasheet HTML 7Page - Cirrus Logic CDB5368 Datasheet HTML 8Page - Cirrus Logic CDB5368 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
Advanced Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
114 dB, 192 kHz, 8-Channel A/D Converter
Overall Features
! Advanced Multi-bit Delta-Sigma Architecture
! 24-Bit Conversion
! 114 dB Dynamic Range
! -105 dB THD+N
! Supports Audio Sample Rates up to 216 kHz
! Selectable Audio Interface Formats
–
Left-Justified, I²S, TDM
–
8-channel TDM Interface Formats
! Low Latency Digital Filter
! Less than 600 mW Power Consumption
! On-Chip Oscillator Driver
! Operation as System Clock Master or Slave
! Differential Analog Architecture
! Separate 1.8 V to 5 V Logic Supplie s for
Control and Serial Ports
! High-Pass Filter for DC Offset Calibration
! Overflow Detection
! Pin-Compatible with the 4-Channel CS5364
and 6-Channel CS5366
Additional Control Port Features
! Supports Standard I²C or SPI Control Interface
! Individual Channel HPF Disable
! Overflow Detection for Individual Channels
! Mute Control for Individual Channels
! Independent Power-Down Control per Channel
Pair
Digital
Audio
Internal
Oscillator
Voltage
Reference
VD
3.3 - 5V
Control
Interface
I2C,SPI
or Pins
Configuration
Registers
VLC
1.8 - 5V
VLS
1.8 - 5V
8 Differential
Analog Inputs
Device
Control
Decimation
Filter
High Pass
Filter
Serial
Audio Out
PCMor
TDM
VA
5V
Multi-Bit
∆Σ
ADC
JULY '05
DS624A1
CS5368


Similar Part No. - CDB5368

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5368 CIRRUS-CDB5368 Datasheet
709Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CDB5368 CIRRUS-CDB5368 Datasheet
596Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CDB5368 CIRRUS-CDB5368 Datasheet
385Kb / 42P
114 dB, 192 kHz, 8-Channel A/D Converter
More results

Similar Description - CDB5368

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_07 Datasheet
709Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com