Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 27Page - Cirrus Logic CDB5368 Datasheet HTML 28Page - Cirrus Logic CDB5368 Datasheet HTML 29Page - Cirrus Logic CDB5368 Datasheet HTML 30Page - Cirrus Logic CDB5368 Datasheet HTML 31Page - Cirrus Logic CDB5368 Datasheet HTML 32Page - Cirrus Logic CDB5368 Datasheet HTML 33Page - Cirrus Logic CDB5368 Datasheet HTML 34Page - Cirrus Logic CDB5368 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
36
DS624A1
CS5368
Bit[6] CLKMODE Setting this bit puts the part in 384X mode (divides XTI by 1.5), and clearing
the bit invokes 256X mode (divide XTI by 1.0 - pass through).
Bits[5:4] MDIV[1:0] Each bit selects an XTI divider. When either bit is low, an XTI divide by 1
function is selected. When either bit is HIGH, an XTI divide by 2 function is selected. With both
bits HIGH, XTI is divided by 4.
The table below shows the composite XTI division using both CLKMODE and MDIV[1:0].
Bits[3:2] DIF[1:0] Determine which data format the serial audio interface is using to clock out da-
ta.
DIF[1:0]
0x00 Left Justified format
0x01 I²S format
0x02 TDM format
0x03 TDM format
Bits[1:0] MODE[1:0] This bit field determines the device sample rate range and whether it is op-
erating as an audio clocking Master or Slave.
MODE[1:0]
0x00 Single-Speed Mode Master
0x01 Double-Speed Mode Master
0x02 Quad-Speed Mode Master
0x03 Slave Mode all speeds
5.4
02h (OVFL) Overflow Status Register
Default:
0xFF, no overflows have occurred.
Note:
This register interacts with Register 03h, the Overflow Mask Register.
The Overflow Status Register is used to indicate an individual overflow in a channel. If an overflow
condition on any channel is detected, the corresponding bit in this register is asserted (low) in ad-
dition to the open drain active low OVFL pin going low. Each overflow status bit is sticky and is
cleared only when read, providing full interrupt capability.
CLKMODE,MDIV[1],MDIV[0]
DESCRIPTION
000
Divide-by-1
100
Divide-by-1.5
001 or 010
Divide-by-2
101 or 110
Divide-by-3
011
Divide-by-4
111
Unused
R/W
765
43
210
ROVFL8
OVFL7
OVFL6
OVFL5
OVFL4
OVFL3
OVFL2
OVFL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com