Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 29Page - Cirrus Logic CDB5368 Datasheet HTML 30Page - Cirrus Logic CDB5368 Datasheet HTML 31Page - Cirrus Logic CDB5368 Datasheet HTML 32Page - Cirrus Logic CDB5368 Datasheet HTML 33Page - Cirrus Logic CDB5368 Datasheet HTML 34Page - Cirrus Logic CDB5368 Datasheet HTML 35Page - Cirrus Logic CDB5368 Datasheet HTML 36Page - Cirrus Logic CDB5368 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
38
DS624A1
CS5368
5.9
07h Reserved
5.10
08h (MUTE) Mute Control Register
Default:
0x00, no channels are muted.
The Mute Control Register is used to mute or un-mute the serial audio data output of individual
channels. When a bit is set, that channel’s serial data is muted by forcing the output to all zeroes.
5.11
09h Reserved
5.12
0Ah (SDEN) SDOUT Enable Control Register
Default:
0x00, all SDOUT pins enabled.
The SDOUT Enable Control Register is used to tri-state the serial audio data output pins. Each
bit, when set, tri-states the associated SDOUT pin.
R/W
765
43
210
Reserved
---
---
--
R/W
765
43
210
R/W
MUTE8
MUTE7
MUTE6
MUTE5
MUTE4
MUTE3
MUTE2
MUTE1
R/W
765
43
210
Reserved
---
---
--
R/W
765
43
210
R/W
unused
SDEN4
SDEN3
SDEN2
SDEN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com