Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 31Page - Cirrus Logic CDB5368 Datasheet HTML 32Page - Cirrus Logic CDB5368 Datasheet HTML 33Page - Cirrus Logic CDB5368 Datasheet HTML 34Page - Cirrus Logic CDB5368 Datasheet HTML 35Page - Cirrus Logic CDB5368 Datasheet HTML 36Page - Cirrus Logic CDB5368 Datasheet HTML 37Page - Cirrus Logic CDB5368 Datasheet HTML 38Page - Cirrus Logic CDB5368 Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
40
DS624A1
CS5368
Figure 21. SSM Stopband
Figure 22. DSM Stopband
Figure 23. QSM Stopband
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
−140
−120
−100
−80
−60
−40
−20
0
Frequency (normalized to Fs)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
−140
−120
−100
−80
−60
−40
−20
0
Frequency (normalized to Fs)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
−120
−100
−80
−60
−40
−20
0
Frequency (normalized to Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com