Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 28Page - Cirrus Logic CDB5368 Datasheet HTML 29Page - Cirrus Logic CDB5368 Datasheet HTML 30Page - Cirrus Logic CDB5368 Datasheet HTML 31Page - Cirrus Logic CDB5368 Datasheet HTML 32Page - Cirrus Logic CDB5368 Datasheet HTML 33Page - Cirrus Logic CDB5368 Datasheet HTML 34Page - Cirrus Logic CDB5368 Datasheet HTML 35Page - Cirrus Logic CDB5368 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
DS624A1
37
CS5368
5.5
03h (OVFM) Overflow Mask Register
Default:
0xFF, all overflow interrupts enabled.
The Overflow Mask Register is used to allow or prevent individual channel overflow events from
creating activity on the OVFL pin. When a particular bit is set low in the Mask register, the
corresponding overflow bit in the Overflow Status register is prevented from causing any activity
on the OVFL pin.
5.6
04h (HPF) High-Pass Filter Register
Default:
0x00, all high-pass filters enabled.
The High-Pass Filter Register is used to enable or disable a high-pass filter that exists for each
channel. These filters are used to perform DC offset calibration, a procedure that is detailed in
“DC Offset Control” on page 26
.
5.7
05h Reserved
5.8
06h (PDN) Power Down Register
Default:
0x00 - everything powered up
The Power Down Register is used as needed to reduce the chip’s power consumption.
Bit[7] RESERVED
Bit[6] RESERVED
Bit[5] PDN-BG When set, this bit powers-down the bandgap reference.
Bit[4] PDN-OSC controls power to the internal oscillator core. When asserted, the internal oscil-
lator core is shut down, and no clock is supplied to the chip. If the chip is running off an externally
supplied clock at the MCLK pin, it is also prevented from clocking the device internally.
Bit[3:0] PDN When any bit is set, all clocks going to a channel pair are turned off, and the serial
data outputs are forced to all zeroes.
R/W
7
654
3
21
0
R/W
OVFM8
OVFM7
OVFM6
OVFM5
OVFM4
OVFM3
OVFM2
OVFM1
R/W
7
654
3
21
0
R/W
HPF8
HPF7
HPF6
HPF5
HPF4
HPF3
HPF2
HPF1
R/W
7
654
3
21
0
Reserved
--
--
---
-
R/W
7
654
3
21
0
R/W
RESERVED
PDN-BG
PDN-OSC
PDN87
PDN65
PDN43
PDN21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com