Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5368 Datasheet HTML 1Page - Cirrus Logic CDB5368 Datasheet HTML 2Page - Cirrus Logic CDB5368 Datasheet HTML 3Page - Cirrus Logic CDB5368 Datasheet HTML 4Page - Cirrus Logic CDB5368 Datasheet HTML 5Page - Cirrus Logic CDB5368 Datasheet HTML 6Page - Cirrus Logic CDB5368 Datasheet HTML 7Page - Cirrus Logic CDB5368 Datasheet HTML 8Page - Cirrus Logic CDB5368 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
DS624A1
CS5368
5.4 02h (OVFL) Overflow Status Register ............................................................................. 36
5.5 03h (OVFM) Overflow Mask Register .............................................................................. 37
5.6 04h (HPF) High-Pass Filter Register ............................................................................... 37
5.7 05h Reserved .................................................................................................................. 37
5.8 06h (PDN) Power Down Register .................................................................................... 37
5.9 07h Reserved .................................................................................................................. 38
5.10 08h (MUTE) Mute Control Register ................................................................................ 38
5.11 09h Reserved ................................................................................................................ 38
5.12 0Ah (SDEN) SDOUT Enable Control Register .............................................................. 38
Appendix A Digital Filter Plots .................................................................................... 39
Appendix B Parameter Definitions .............................................................................. 43
Appendix C Package Dimensions .............................................................................. 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com