Electronic Components Datasheet Search
  English  ▼

X  

CDB5368 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 12Page - Cirrus Logic CDB5368 Datasheet HTML 13Page - Cirrus Logic CDB5368 Datasheet HTML 14Page - Cirrus Logic CDB5368 Datasheet HTML 15Page - Cirrus Logic CDB5368 Datasheet HTML 16Page - Cirrus Logic CDB5368 Datasheet HTML 17Page - Cirrus Logic CDB5368 Datasheet HTML 18Page - Cirrus Logic CDB5368 Datasheet HTML 19Page - Cirrus Logic CDB5368 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
DS624A1
19
CS5368
SERIAL AUDIO INTERFACE - TDM TIMING
The serial audio port is a 3 pin interface consisting of SCLK, LRCK and SDOUT.
Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 20 pF, timing threshold is 50% of VLS.
Notes:
1.
TDM Quad-Speed Mode only specified to operate correctly at VLS
≥ 3.14 V.
2.
In Master mode, the SCLK/LRCK ratio is fixed at 256. In Slave Mode, the SCLK/RCLK ratio can be set
according to preference. However, chip performance is guaranteed only when using the ratios in Section
4.6.9
Master and Slave Clock Frequencies on page 29.
Figure 3. TDM Timing
OVERFLOW TIMEOUT
Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 15 pF, timing threshold is 50% of VLS.
Table 1. Overflow Timeout
Parameter
Symbol
Min
Typ
Max
Unit
Sample Rates
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode1
-
-
-
2
54
108
-
-
-
54
108
216
kHz
kHz
kHz
SCLK Frequency2
SCLK Period
1/(256*54 kHz)
SCLK Duty Cycle
tPERIOD
tHIGH1
-
72.3
30
256*Fs
-
-
-
-
70
Hz
ns
%
FS setup
before SCLK rising
FS hold
after SCLK rising
FS width
in SCLK cycles
tSETUP1
tHOLD1
tHIGH2
20
20
3
-
-
-
-
-
250
ns
ns
-
SDOUT setup
before SCLK rising
SDOUT hold
after SCLK rising
tSETUP2
tHOLD2
10
10
-
-
-
-
ns
ns
Parameter
Symbol
Min
Typ
Max
Unit
OVFL time-out on overrange condition
Fs = 44.1 kHz
Fs = 192 kHz
-
-
-
(217-1)/Fs
2972
683
-
-
-
ms
ms
ms
FS
SDOUT
SCLK
data
data
t
HOLD2
t
SET UP2
t
HOLD1
t
SET UP1
newframe
data
t
PERIOD
t
HIGH1
t
HIGH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com