Electronic Components Datasheet Search
  English  ▼

X  

ICS932S202 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 12Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 13Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ICS932S202
0600A—08/04/03
Power Management Features:
Note:
1. LOW means outputs held static LOW as per latency requirement next page.
2. On means active.
3. PD# pulled Low, impacts all outputs including REF and 48 MHz outputs.
Power Management Requirements:
Note:
1. Clock on/off latency is defined in the number of rising edges of free running PCICLKs between the clock disable goes
low/high to the first valid clock comes out of the device.
2. Power up latency is when PWR_DWN# goes inactive (high to when the first valid clocks are dirven from the device.
l
a
n
g
i
Se
t
a
t
S
l
a
n
g
i
S
y
c
n
e
t
a
L
s
e
g
d
e
g
n
i
s
i
r
f
o
.
o
N
K
L
C
I
C
P
f
o
#
D
P
)
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
(
1S
m
3
)
n
w
o
d
r
e
w
o
p
(
0.
x
a
m
2
#
D
PK
L
C
U
P
CC
I
P
A
O
I6
6
V
3I
C
PF
_
I
C
P
.
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com