Electronic Components Datasheet Search
  English  ▼

X  

ICS932S202 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS932S202 Datasheet HTML 3Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ICS932S202
0600A—08/04/03
Group Offset
Group
Offset
Measurement Loads
Measure Points
CPU to 3V66
0.8 to 1.8ns CPU leads
CPU @ 20pF, 3V66 @ 30pF
CPU @1.25V, 3V66 @ 1.5V
CPU to PCI
0 to 1.5ns CPU leads
CPU @ 20pF, PCI @ 30pF
CPU @ 1.25V, PCI @ 1.5V
CPU to IOAPIC
1.5 to 4.0ns CPU leads CPU @ 20pF, IOAPIC @ 20pF CPU @ 1.25V, IOAPIC @ 1.25V
Note: 1. All offsets are to be measured at rising edges.
Electrical Characteristics - CPUCLK
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5V +/- 5 %; CL = 20 pF (unless otherwise stated).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -12 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.3
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-35
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.4
0.73
0.9
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
0.4
0.76
0.9
ns
Duty Cycle
dt2B
1
VT = 1.25 V
45
50.6
55
%
Cpu0:1
VT=1.25 to 1.5V @ all frequency
-2
175
ps
Skew
CPU0:3
VT=1.25 to 1.5V @ 66MHz
140
175
ps
VT=1.25 to 1.5V @ 100MHz
165
175
ps
VT=1.25 to 1.5V @ 133MHz
155
175
ps
VT=1.25 to 1.5V @ 200MHz
70
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V
108
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com