Electronic Components Datasheet Search
  English  ▼

X  

ICS932S202 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS932S202 Datasheet HTML 1Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 2Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 3Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS932S202
0600A—08/04/03
Block Diagram
Frequency Timing Generator for Differential PIII Type
Dual-CPU Systems
Pin Configuration
48-pin SSOP
*120K ohm pull-up to VDD on indicated inputs.
Recommended Application:
Serverwork HE-T, HE-SL & LE-T Chipsets
Output Features:
•
2 - CPUs @ 2.5V, up to 180MHz
•
2 - CPU chipset @ 2.5V, up to 180MHz
•
3 - IOAPIC @ 2.5V
•
3 - 3V66MHz @ 3.3V
•
11 - PCIs @ 3.3V
•
1 - 48MHz, @ 3.3V fixed
•
1 - 24/48MHz, @ 3.3V
•
2 - REF @ 3.3V
Features:
•
Up to 180MHz frequency support
•
Support power management: Power down Mode
from I
2C programming.
•
Spread spectrum for EMI control
± 0.25% center spread).
•
Uses external 14.318MHz crystal
•
5 - FS pins for frequency select
SEL24_48#
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (1:0)
IOAPIC (2:0)
PCICLK (10:0)
CPU_CSCLK (1:0)
3V66 (2:0)
X1
X2
XTAL
OSC
CPU
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
SDATA
SCLK
FS (4:0)
PD#
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
GNDREF
REF0
*SEL24_48#/REF1
VDDREF
X1
X2
GNDPCI
*FS0/PCICLK0
*FS1/PCICLK1
VDDPCI
*FS2/PCICLK2
*FS3/PCICLK3
GNDPCI
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GNDPCI
PCICLK8
PCICLK9
PCICLK10
VDDPCI
PD#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDDLAPIC
IOAPIC0
IOAPIC1
GNDLAPIC
IOAPIC2
VDDLCPU
CPUCLK0
GNDLCPU
CPUCLK1
VDDLCPU
CPU_CSCLK0
CPU_CSCLK1
GNDLCPU
VDD66
3V66_0
3V66_1
3V66_2
GND66
SDATA
SCLK
VDD48
48MHz/FS4*
24_48MHz
GND48
Key Specifications:
•
CPU Output Jitter: <150ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
IOAPIC Output Skew <250ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <250ps
•
CPU to 3V66 Output Offset: 0.8 - 1.8ns (typ =
1.3ns)
•
CPU to PCI Output Offset: 0.0 - 1.5ns (typ =
0.9ns)
•
CPU to IOAPIC Output Offset: 1.5 - 4.0ns (typ =
2.0ns)


Similar Part No. - ICS932S202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS932S200YF-T ICST-ICS932S200YF-T Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
ICS932S200YG-T ICST-ICS932S200YG-T Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
Frequency Generator with 133MHz Differential CPU Clocks
More results

Similar Description - ICS932S202

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
Frequency Timing Generator for PENDIUM II Systems
Rev C 7/28/99
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 2/5/00
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
Frequency Timing Generator for Dual Server/Workstation Systems
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
Frequency Timing Generator for Dual Server/Workstation Systems
2019
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
Frequency Timing Generator for Transmeta Systems
2019
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
Frequency Timing Generator for Pentium II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com