Electronic Components Datasheet Search
  English  ▼

X  

ICS932S202 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS932S202 Datasheet HTML 1Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 2Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 3Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ICS932S202
0600A—08/04/03
Byte 0: Functionality and frequency select register (Default = 0)
Serial Configuration Command Bitmap
Note 1:
Default at power-up will be for latched logic inputs to define frequency, as displayed byBit 3.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
t
i
B
)
4
:
7
,
2
(
2
t
i
B
4
S
F
7
t
i
B
3
S
F
6
t
i
B
2
S
F
5
t
i
B
1
S
F
4
t
i
B
0
S
F
U
P
CI
C
P6
6
V
3C
I
P
A
O
I
d
e
v
r
e
s
e
R
1
e
t
o
N
00
0
0
0
0
.
3
0
13
3
.
4
37
6
.
8
67
1
.
7
1
00
0
0
1
0
.
0
0
13
3
.
3
37
6
.
6
67
6
.
6
1
00
0
1
0
5
4
.
0
0
18
4
.
3
37
9
.
6
64
7
.
6
1
00
0
1
1
9
.
0
0
13
6
.
3
37
2
.
7
62
8
.
6
1
00
1
0
0
1
.
7
0
10
7
.
5
30
4
.
1
75
8
.
7
1
00
1
0
1
0
.
9
0
13
3
.
6
37
6
.
2
77
1
.
8
1
00
1
1
0
0
.
2
1
13
3
.
7
37
6
.
4
77
6
.
8
1
00
1
1
1
0
0
.
4
1
10
5
.
8
20
0
.
7
55
2
.
4
1
01
0
0
0
0
0
.
6
1
10
0
.
9
20
0
.
8
50
5
.
4
1
01
0
0
1
0
0
.
8
1
10
5
.
9
20
0
.
9
55
7
.
4
1
01
0
1
0
0
3
.
3
3
13
3
.
3
35
6
.
6
66
6
.
6
1
01
0
1
1
0
0
.
0
2
10
0
.
0
30
0
.
0
60
0
.
5
1
01
1
0
0
0
0
.
2
2
10
5
.
0
30
0
.
1
65
2
.
5
1
01
1
0
1
0
0
.
5
2
15
2
.
1
30
5
.
2
63
6
.
5
1
01
1
1
0
0
.
0
57
6
.
6
13
3
.
3
33
3
.
8
01
1
1
1
7
.
6
67
6
.
6
13
3
.
3
33
3
.
8
10
0
0
0
3
.
3
3
13
3
.
3
37
6
.
6
67
6
.
6
1
10
0
0
1
9
.
3
3
18
4
.
3
35
9
.
6
64
7
.
6
1
10
0
1
0
0
.
8
3
10
5
.
4
30
0
.
9
65
2
.
7
1
10
0
1
1
0
.
2
4
10
5
.
5
30
0
.
1
75
7
.
7
1
10
1
0
0
0
.
6
4
10
5
.
6
30
0
.
3
75
2
.
8
1
10
1
0
1
0
.
0
5
10
5
.
7
30
0
.
5
75
7
.
8
1
10
1
1
0
0
.
3
5
15
2
.
8
30
5
.
6
73
1
.
9
1
10
1
1
1
0
.
6
5
10
0
.
9
30
0
.
8
70
5
.
9
1
11
0
0
0
1
.
9
5
18
7
.
9
35
5
.
9
79
8
.
9
1
11
0
0
1
0
.
2
6
10
5
.
0
40
0
.
1
85
2
.
0
2
11
0
1
0
7
.
6
6
17
6
.
1
43
3
.
3
83
8
.
0
2
11
0
1
1
0
.
8
6
10
0
.
2
40
0
.
4
80
0
.
1
2
11
1
0
0
0
.
1
7
15
7
.
2
40
5
.
5
88
3
.
1
2
11
1
0
1
0
.
4
7
10
5
.
3
40
0
.
7
85
7
.
1
2
11
1
1
0
0
.
7
7
15
2
.
4
40
5
.
8
83
1
.
2
2
11
1
1
1
0
.
0
8
10
0
.
5
40
0
.
0
90
5
.
2
2
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
,
2
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
d
e
l
b
a
n
e
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
ll
a
e
t
a
t
s
i
r
T
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com