Electronic Components Datasheet Search
  English  ▼

X  

ICS932S202 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS932S202 Datasheet HTML 1Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 2Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 3Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS932S202
0600A—08/04/03
Functionality
FS4
FS3
FS2
FS1
FS0
CPU
PCI
3V66
IOAPIC
0
0
0
0
0
103.0
34.33
68.67
17.17
0
0
0
0
1
100.0
33.33
66.67
16.67
0
0
0
1
0
100.45
33.48
66.97
16.74
0
0
0
1
1
100.9
33.63
67.27
16.82
0
0
1
0
0
107.1
35.70
71.40
17.85
0
0
1
0
1
109.0
36.33
72.67
18.17
0
0
1
1
0
112.0
37.33
74.67
18.67
0
0
1
1
1
114.00
28.50
57.00
14.25
0
1
0
0
0
116.00
29.00
58.00
14.50
0
1
0
0
1
118.00
29.50
59.00
14.75
0
1
0
1
0
133.30
33.33
66.65
16.66
0
1
0
1
1
120.00
30.00
60.00
15.00
0
1
1
0
0
122.00
30.50
61.00
15.25
0
1
1
0
1
125.00
31.25
62.50
15.63
0
1
1
1
0
50.0
16.67
33.33
8.33
0
1
1
1
1
66.7
16.67
33.33
8.33
1
0
0
0
0
133.3
33.33
66.67
16.67
1
0
0
0
1
133.9
33.48
66.95
16.74
1
0
0
1
0
138.0
34.50
69.00
17.25
1
0
0
1
1
142.0
35.50
71.00
17.75
1
0
1
0
0
146.0
36.50
73.00
18.25
1
0
1
0
1
150.0
37.50
75.00
18.75
1
0
1
1
0
153.0
38.25
76.50
19.13
1
0
1
1
1
156.0
39.00
78.00
19.50
1
1
0
0
0
159.1
39.78
79.55
19.89
1
1
0
0
1
162.0
40.50
81.00
20.25
1
1
0
1
0
166.7
41.67
83.33
20.83
1
1
0
1
1
168.0
42.00
84.00
21.00
1
1
1
0
0
171.0
42.75
85.50
21.38
1
1
1
0
1
174.0
43.50
87.00
21.75
1
1
1
1
0
177.0
44.25
88.50
22.13
1
1
1
1
1
180.0
45.00
90.00
22.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com