Electronic Components Datasheet Search
  English  ▼

X  

ICS932S202 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS932S202
Description  Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S202 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS932S202 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S202 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ICS932S202
0600A—08/04/03
Electrical Characteristics - 3V66
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -25 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 20 mA
0.32
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-73
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
50
mA
Rise Time
Tr
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.31
2
ns
Fall Time
Tf
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.39
2
ns
Duty Cycle
Dt
1
VT = 1.5 V
4549
55%
Skew
Tsk1
1
VT = 1.5 V
85
250
ps
Jitter, Cycle-to-cycle
tjcyc-cyc1
1
VT = 1.5 V
163
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.17
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-62
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
45
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.42
2.5
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.54
2.5
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50.8
55
%
Skew
tsk1
VT = 1.5 V
266
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
133
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com